Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2902WYPT Datasheet(PDF) 7 Page - STMicroelectronics

Part # LM2902WYPT
Description  Low-power quad operational amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2902WYPT Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LM2902WYPT Datasheet HTML 3Page - STMicroelectronics LM2902WYPT Datasheet HTML 4Page - STMicroelectronics LM2902WYPT Datasheet HTML 5Page - STMicroelectronics LM2902WYPT Datasheet HTML 6Page - STMicroelectronics LM2902WYPT Datasheet HTML 7Page - STMicroelectronics LM2902WYPT Datasheet HTML 8Page - STMicroelectronics LM2902WYPT Datasheet HTML 9Page - STMicroelectronics LM2902WYPT Datasheet HTML 10Page - STMicroelectronics LM2902WYPT Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
5
Electrical characteristic curves
Figure 3. Input bias current vs. Tamb
Figure 4. Input voltage range
Figure 5. Current limiting
Figure 6. Supply current
Figure 7. Gain bandwidth product
GBP (MHz)
Figure 8. Voltage follower pulse response (VCC = 15 V)
TIME (µs)
VCC =+15V
4
3
2
1
0
3
2
1
RL ≤ 2 kΩ
0
10
20
30
40
LM2902W
Electrical characteristic curves
DS3575 - Rev 11
page 7/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com