Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2902WYPT Datasheet(PDF) 9 Page - STMicroelectronics

Part # LM2902WYPT
Description  Low-power quad operational amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2902WYPT Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LM2902WYPT Datasheet HTML 5Page - STMicroelectronics LM2902WYPT Datasheet HTML 6Page - STMicroelectronics LM2902WYPT Datasheet HTML 7Page - STMicroelectronics LM2902WYPT Datasheet HTML 8Page - STMicroelectronics LM2902WYPT Datasheet HTML 9Page - STMicroelectronics LM2902WYPT Datasheet HTML 10Page - STMicroelectronics LM2902WYPT Datasheet HTML 11Page - STMicroelectronics LM2902WYPT Datasheet HTML 12Page - STMicroelectronics LM2902WYPT Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Figure 15. Input current
Figure 16. Voltage gain
0
1 0
20
3 0
P O S I T I V E S U P P LY V O LTA G E ( V )
160
120
80
40
L
R = 20k Ω
L
R = 2k Ω
Figure 17. Power supply and common-mode rejection
ratio
Figure 18. Large signal voltage gain
Figure 19. Bode diagram at 25 °C
100
1k
10k
100k
1M
−60
−40
−20
0
20
40
60
−360
−330
−300
−270
−240
−210
−180
−150
−120
−90
−60
−30
0
Frequency (Hz)
Gain
Phase
Vcc=5V, Rload=2kΩ, Cload=100pF, T=25°C
Vicm=Vout=Vload=Vcc/2
Figure 20. Bode diagram at 125 °C
100
1k
10k
100k
1M
−60
−40
−20
0
20
40
60
−360
−330
−300
−270
−240
−210
−180
−150
−120
−90
−60
−30
0
Frequency (Hz)
Gain
Phase
Vcc=5V, Rload=2kΩ, Cload=100pF, T=125°C
Vicm=Vout=Vload=Vcc/2
LM2902W
Electrical characteristic curves
DS3575 - Rev 11
page 9/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com