Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA333ML Datasheet(PDF) 12 Page - STMicroelectronics

Part # STA333ML
Description  2-channel microless high-efficiency digital audio system Sound Terminal
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333ML Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STA333ML_V01 Datasheet HTML 8Page - STMicroelectronics STA333ML_V01 Datasheet HTML 9Page - STMicroelectronics STA333ML_V01 Datasheet HTML 10Page - STMicroelectronics STA333ML_V01 Datasheet HTML 11Page - STMicroelectronics STA333ML_V01 Datasheet HTML 12Page - STMicroelectronics STA333ML_V01 Datasheet HTML 13Page - STMicroelectronics STA333ML_V01 Datasheet HTML 14Page - STMicroelectronics STA333ML_V01 Datasheet HTML 15Page - STMicroelectronics STA333ML_V01 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Functional description
STA333ML
12/23
DocID13177 Rev 8
4.2
Fault-detect recovery bypass
The on-chip power output block provides feedback to the digital controller using inputs to
the power control block. The fault input is used to indicate a fault condition (either
overcurrent or thermal). When fault is asserted (set to 0), the power control block attempts a
recovery from the fault by asserting the 3-state output (setting it to 0 which directs the power
output block to begin recovery), holds it at 0 for 1 ms and then toggles it back to 1. This
sequence is repeated for as long as the fault exists.
4.3
Zero-detect mute enable
If this function is enabled, the zero-detect circuit examines each processing channel to see if
2048 consecutive zero value samples (regardless of fs) are received. If so, the channel is
muted.
4.4
Fade-in/out feature
The STA333ML has internal fade-in / fade-out feature when powered on or off, or after a
fault condition.
4.5
Oversampling selector
Pin ONSEL (33) is used to configure the PLL to accept 256 * fs or 384 * fs master clock.
Where fs is the I2S LRCKI frequency:
ONSEL = logical 0 gives256 * fs
ONSEL = logical 1 gives 384 * fs.
4.6
Gain selector
Pin GAIN (34) is used to configure the STA333ML gain:
GAIN = logical 0 gives 0 dBFs
GAIN = logical 1 gives24 dBFs.
4.7
Power-down function
Pin PWDN (23) is used to power down the STA333ML:
PWDN = logical 0 sets the power-down mode
PWDN = logical 1 gives normal operation.
If the power stage is switched off, then the PLL is also switched off.
It is possible to use the PWDN function as a mute function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com