Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA333ML Datasheet(PDF) 17 Page - STMicroelectronics

Part # STA333ML
Description  2-channel microless high-efficiency digital audio system Sound Terminal
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333ML Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STA333ML_V01 Datasheet HTML 13Page - STMicroelectronics STA333ML_V01 Datasheet HTML 14Page - STMicroelectronics STA333ML_V01 Datasheet HTML 15Page - STMicroelectronics STA333ML_V01 Datasheet HTML 16Page - STMicroelectronics STA333ML_V01 Datasheet HTML 17Page - STMicroelectronics STA333ML_V01 Datasheet HTML 18Page - STMicroelectronics STA333ML_V01 Datasheet HTML 19Page - STMicroelectronics STA333ML_V01 Datasheet HTML 20Page - STMicroelectronics STA333ML_V01 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
DocID13177 Rev 8
17/23
STA333ML
Applications
23
Figure 12. Filterless output configuration
The filterless application is more critical in terms of EMI. It is quite important to follow the
below suggestions:
Tracks from amplifier to speaker should be as short as possible.
Ferrite beads can be used (instead of coils) to improve EMI performance.
–
Ferrite beads must have a low impedance in the audio band and high impedance
at high frequencies.
–
Place ferrite beads as close as possible to the IC.
–
Ferrite filters must reduce EMI above 1 MHz.
–
FCC and CE authorities test radiated emission above 30 MHz.
The presence of snubber networks reduce the EMI. The snubber networks should be placed
as close as possible to the IC.
OUT1A
330 pF
22R
OUT1B
OUT2A
330 pF
22R
OUT2B
Right
Left



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com