Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA333W Datasheet(PDF) 29 Page - STMicroelectronics

Part # STA333W
Description  2 channel high-efficiency digital audio system Sound Terminal
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333W Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STA333W_V01 Datasheet HTML 25Page - STMicroelectronics STA333W_V01 Datasheet HTML 26Page - STMicroelectronics STA333W_V01 Datasheet HTML 27Page - STMicroelectronics STA333W_V01 Datasheet HTML 28Page - STMicroelectronics STA333W_V01 Datasheet HTML 29Page - STMicroelectronics STA333W_V01 Datasheet HTML 30Page - STMicroelectronics STA333W_V01 Datasheet HTML 31Page - STMicroelectronics STA333W_V01 Datasheet HTML 32Page - STMicroelectronics STA333W_V01 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
DocID13365 Rev 3
29/50
STA333W
Register description
50
Max power correction
Setting the MPC bit turns on special processing that corrects the STA333W power device at
high power. This mode lowers the THD+N of a full DDX system at maximum power output
and slightly below. If enabled, MPC is operational in all output modes except tapered
(OM[1:0] = 01) and binary. When OCFG = 00, MPC does not affect channels 3 and 4, the
line-out channels.
Noise-shaper bandwidth selection
AM mode enable
The STA333W features a DDX processing mode that minimizes the amount of noise
generated in frequency range of AM radio. This mode is intended for use when DDX is
operating in a device with an AM tuner active. The SNR of the DDX processing is reduced to
approximately 83 dB in this mode, which is still greater than the SNR of AM radio.
PWM speed mode
Distortion compensation variable enable
Table 26. Max power correction
Bit
R/W
RST
Name
Description
1R/W
1MPC
1: enable power bridge correction for THD reduction
near maximum power output.
Table 27. Noise-shaper bandwidth selection
Bit
R/W
RST
Name
Description
2R/W
0NSBW
1: 3rd order NS
0: 4th order NS
Table 28. AM mode enable
Bit
R/W
RST
Name
Description
3R/W
0AME
0: normal DDX operation
1: AM reduction mode DDX operation
Table 29. PWM speed mode
Bit
R/W
RST
Name
Description
4R/W
0PWMS
0: normal speed (384 kHz) all channels
1: odd speed (341.3 kHz) all channels
Table 30. Distortion compensation variable enable
Bit
R/W
RST
Name
Description
5R/W
0DCCV
0: uses preset DC coefficient.
1: uses DCC coefficient.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com