Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA333W Datasheet(PDF) 38 Page - STMicroelectronics

Part # STA333W
Description  2 channel high-efficiency digital audio system Sound Terminal
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333W Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STA333W_V01 Datasheet HTML 34Page - STMicroelectronics STA333W_V01 Datasheet HTML 35Page - STMicroelectronics STA333W_V01 Datasheet HTML 36Page - STMicroelectronics STA333W_V01 Datasheet HTML 37Page - STMicroelectronics STA333W_V01 Datasheet HTML 38Page - STMicroelectronics STA333W_V01 Datasheet HTML 39Page - STMicroelectronics STA333W_V01 Datasheet HTML 40Page - STMicroelectronics STA333W_V01 Datasheet HTML 41Page - STMicroelectronics STA333W_V01 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
Register description
STA333W
38/50
DocID13365 Rev 3
6.11
Output limit register (addr 0x34)
6.11.1
Thermal and overcurrent warning output limit register
The STA333W provides a simple mechanism for reacting to a thermal or overcurrent
warning in the power device. When the TWARN or OCWARN status bit is asserted, the
output is limited to the OLIM setting. The limit can be adjusted by modifying the thermal
warning/overcurrent output limit value. As for the normal postscale, the register value
represents an 8-bit signed fractional number. This number is extended to a 24-bit number,
by adding zeros to the right, and then directly multiplied by the data on both channels. The
scaling value range is from 0x80 = -1 to 0x7F = 0.992. To avoid phase changes in the output
signal only the positive range is used (0x00 to 0x7F). The default setting of 0x5A provides a
-3-dB limit.
If the cause of the limiting is a thermal warning, the output limiting is removed when the
thermal warning situation disappears. If the cause of the limiting is an overcurrent warning,
output limiting remains in effect until the device is reset.
D7
D6
D5
D4
D3
D2
D1
D0
OLIM7
OLIM6
OLIM5
OLIM4
OLIM3
OLIM2
OLIM1
OLIM0
01011
010
Table 46. Output limit values for thermal and overcurrent warnings
OLIM[7:0]
Attenuation (dB)
0x7F
0.06
0x7E
0.13
....
....
0x5A
3.0
....
....
0x40
6.0
....
....
0x28
10
....
....
0x01
42
0x00
Inf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com