Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FL512SDPBFAQ11 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # S25FL512SDPBFAQ11
Description  512 Mb (64 MB) FL-S Flash
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

S25FL512SDPBFAQ11 Datasheet(HTML) 2 Page - Infineon Technologies AG

  S25FL512SDPBFAQ11 Datasheet HTML 1Page - Infineon Technologies AG S25FL512SDPBFAQ11 Datasheet HTML 2Page - Infineon Technologies AG S25FL512SDPBFAQ11 Datasheet HTML 3Page - Infineon Technologies AG S25FL512SDPBFAQ11 Datasheet HTML 4Page - Infineon Technologies AG S25FL512SDPBFAQ11 Datasheet HTML 5Page - Infineon Technologies AG S25FL512SDPBFAQ11 Datasheet HTML 6Page - Infineon Technologies AG S25FL512SDPBFAQ11 Datasheet HTML 7Page - Infineon Technologies AG S25FL512SDPBFAQ11 Datasheet HTML 8Page - Infineon Technologies AG S25FL512SDPBFAQ11 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 167 page
background image
Datasheet
2
001-98284 Rev. *T
2023-08-30
512 Mb (64 MB) FL-S Flash
SPI Multi-I/O, 3.0 V
Logic block diagram
• Temperature range:
- Industrial (–40°C to +85°C)
- Industrial Plus (–40°C to +105°C)
- Automotive, AEC-Q100 Grade 3 (–40°C to +85°C)
- Automotive, AEC-Q100 Grade 2 (–40°C to +105°C)
- Automotive, AEC-Q100 Grade 1 (–40°C to +125°C)
• Packages (all Pb-free)
- 16-pin SOIC (300 mil)
- 24-ball BGA (6 × 8 mm)
• 5 × 5 ball (FAB024) and 4 × 6 ball (FAC024) footprint options
- Known Good Die and Known Tested Die
Logic block diagram
SRAM
MirrorBit Array
Control
Logic
Data Path
CS#
SCK
SI/IO0
SO/IO1
HOLD#/IO3
WP#/IO2
RESET#
I/O
Y Decoders
Data Latch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com