Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S25FL512SDPBFAQ11 Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # S25FL512SDPBFAQ11
Description  512 Mb (64 MB) FL-S Flash
PDF  167 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

S25FL512SDPBFAQ11 Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button S25FL512SDPBFAQ11 Datasheet HTML 17Page - Infineon Technologies AG S25FL512SDPBFAQ11 Datasheet HTML 18Page - Infineon Technologies AG S25FL512SDPBFAQ11 Datasheet HTML 19Page - Infineon Technologies AG S25FL512SDPBFAQ11 Datasheet HTML 20Page - Infineon Technologies AG S25FL512SDPBFAQ11 Datasheet HTML 21Page - Infineon Technologies AG S25FL512SDPBFAQ11 Datasheet HTML 22Page - Infineon Technologies AG S25FL512SDPBFAQ11 Datasheet HTML 23Page - Infineon Technologies AG S25FL512SDPBFAQ11 Datasheet HTML 24Page - Infineon Technologies AG S25FL512SDPBFAQ11 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 167 page
background image
Datasheet
21
001-98284 Rev. *T
2023-08-30
512 Mb (64 MB) FL-S Flash
SPI Multi-I/O, 3.0 V
Signal protocols
Figure 10
Single bit wide I/O command without latency
Figure 11
Single bit wide I/O command with latency
Figure 12
Dual output command
Figure 13
Quad output command without latency
CS#
SCK
SI
SO
Phase
7
6
5
4
3
2
1
0 31
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
Instruction
Address
Data 1
Data 2
CS#
SCK
SI
SO
Phase
7
6
5
4
3
2
1
0 31
1
0
7
6
5
4
3
2
1
0
Instruction
Dummy Cycles
Data 1
Address
CS#
SCK
IO0
IO1
Phase
7 6 5 4 3 2 1 0 30 28 26 0
6 4 2 0 6 4 2 0
31 29 27
1
7 5 3 1 7 5 3 1
Instruction
6 Dummy
Data 1
Data 2
Address
CS#
SCK
IO0
IO1
IO2
IO3
Phase
7 6 5 4 3 2 1 0 31
1 0 4 0 4 0 4 0 4 0 4 0 4
5 1 5 1 5 1 5 1 5 1 5
6 2 6 2 6 2 6 2 6 2 6
7 3 7 3 7 3 7 3 7 3 7
Instruction
Address
Data 1 Data 2
Data 3
Data 4
Data 5 ...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com