Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV8833PWPR Datasheet(PDF) 7 Page - Texas Instruments

Part # DRV8833PWPR
Description  DRV8833 Dual H-Bridge Motor Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV8833PWPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button DRV8833PWPR Datasheet HTML 3Page - Texas Instruments DRV8833PWPR Datasheet HTML 4Page - Texas Instruments DRV8833PWPR Datasheet HTML 5Page - Texas Instruments DRV8833PWPR Datasheet HTML 6Page - Texas Instruments DRV8833PWPR Datasheet HTML 7Page - Texas Instruments DRV8833PWPR Datasheet HTML 8Page - Texas Instruments DRV8833PWPR Datasheet HTML 9Page - Texas Instruments DRV8833PWPR Datasheet HTML 10Page - Texas Instruments DRV8833PWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
0
100
200
300
400
500
600
700
800
2.7
3.6
4.5
5.4
6.3
7.2
8.1
9.0
9.9
10.8
VVM (V)
-40°C
25°C
85°C
C004
0
100
200
300
400
500
600
700
800
±40 ±30 ±20 ±10 0
10
20
30
40
50
60
70
80
Temperature (
ƒC)
2.7 V
5 V
10.8 V
C003
0.0
0.5
1.0
1.5
2.0
2.5
3.0
2.7
3.6
4.5
5.4
6.3
7.2
8.1
9.0
9.9
10.8
VVM (V)
±40ƒC
25°C
85°C
C001
±5.0
0.0
5.0
10.0
15.0
20.0
25.0
2.7
3.6
4.5
5.4
6.3
7.2
8.1
9.0
9.9
10.8
VVM (V)
±40ƒC
25°C
85°C
C002
DRV8833
www.ti.com
SLVSAR1E – JANUARY 2011 – REVISED JULY 2015
Electrical Characteristics (continued)
TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT CONTROL
VTRIP
xISEN trip voltage
160
200
240
mV
tBLANK
Current sense blanking time
3.75
µs
SLEEP MODE
tWAKE
Start-up time
nSLEEP inactive high to H-bridge on
1
ms
6.6 Typical Characteristics
Figure 2. Sleep Current
Figure 1. Operating Current
Figure 3. RDS(on) (HS + LS)
Figure 4. RDS(on) (HS + LS)
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DRV8833



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com