Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK615N4F8AG Datasheet(PDF) 7 Page - STMicroelectronics

Part # STK615N4F8AG
Description  Automotive N‑channel 40 V, 0.48 mΩ max., 672 A STripFET F8 Power MOSFET in a PowerLeaded 8x8 package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STK615N4F8AG Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STK615N4F8AG Datasheet HTML 3Page - STMicroelectronics STK615N4F8AG Datasheet HTML 4Page - STMicroelectronics STK615N4F8AG Datasheet HTML 5Page - STMicroelectronics STK615N4F8AG Datasheet HTML 6Page - STMicroelectronics STK615N4F8AG Datasheet HTML 7Page - STMicroelectronics STK615N4F8AG Datasheet HTML 8Page - STMicroelectronics STK615N4F8AG Datasheet HTML 9Page - STMicroelectronics STK615N4F8AG Datasheet HTML 10Page - STMicroelectronics STK615N4F8AG Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Figure 13. Normalized gate threshold voltage vs
temperature
GPDP111020240953VTH
1.1
1.0
0.9
0.8
0.7
0.6
-75
-25
25
75
125
175
VGS(th)
(norm.)
TJ (°C)
ID = 250 μA
Figure 14. Typical reverse diode forward characteristics
GPDP111020240955SDF
1.0
0.9
0.8
0.7
0.6
0.5
0.4
10
30
50
70
90
VSD
(V)
ISD (A)
TJ= 175 °C
TJ= 25 °C
TJ= -55 °C
Figure 15. Normalized V(BR)DSS vs temperature
GPDP111020240953BDV
1.08
1.06
1.04
1.02
1.00
0.98
0.96
0.94
-75
-25
25
75
125
175
V(BR)DSS
(norm.)
TJ (°C)
ID = 1 mA
Figure 16. Normalized on-resistance vs temperature
GPDP151020241523RON
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
-75
-25
25
75
125
175
RDS(on)
(norm.)
TJ (°C)
VGS = 10 V
ID = 90 A
STK615N4F8AG
Electrical characteristics
DS14222 - Rev 5
page 7/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com