Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK615N4F8AG Datasheet(PDF) 1 Page - STMicroelectronics

Part # STK615N4F8AG
Description  Automotive N‑channel 40 V, 0.48 mΩ max., 672 A STripFET F8 Power MOSFET in a PowerLeaded 8x8 package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STK615N4F8AG Datasheet(HTML) 1 Page - STMicroelectronics

  STK615N4F8AG Datasheet HTML 1Page - STMicroelectronics STK615N4F8AG Datasheet HTML 2Page - STMicroelectronics STK615N4F8AG Datasheet HTML 3Page - STMicroelectronics STK615N4F8AG Datasheet HTML 4Page - STMicroelectronics STK615N4F8AG Datasheet HTML 5Page - STMicroelectronics STK615N4F8AG Datasheet HTML 6Page - STMicroelectronics STK615N4F8AG Datasheet HTML 7Page - STMicroelectronics STK615N4F8AG Datasheet HTML 8Page - STMicroelectronics STK615N4F8AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Features
Order code
VDS
RDS(on) max.
ID
STK615N4F8AG
40 V
0.48 mΩ at 10 V
672 A
•
AEC-Q101 qualified
•
MSL1 grade
•
175 °C maximum operating junction temperature
•
100% avalanche tested
•
Low gate charge Qg
Applications
•
Automotive motor control
•
Body and convenience
•
Chassis and safety
•
Power train for ICE
Description
The STK615N4F8AG is a 40 V N-channel enhancement mode Power MOSFET
designed in STripFET F8 technology featuring an enhanced trench gate structure.
It ensures a state-of-the-art of figure of merit for very low on-state resistance while
reducing internal capacitances and gate charge for faster and more efficient
switching.
PowerLeaded 8x8
G1DTABS234
Top View
1
2
3
4
D(TAB)
G(1)
S(2, 3, 4)
Product status link
STK615N4F8AG
Product summary
Order code
STK615N4F8AG
Marking(1)
615N4F8
Package
PowerLeaded 8x8
Packing
Tape and reel
1. Engineering samples are clearly
identified with a dedicated special
symbol in the marking of each unit.
Automotive N
‑channel 40 V, 0.48 mΩ max., 672 A STripFET F8 Power MOSFET
in a PowerLeaded 8x8 package
STK615N4F8AG
Datasheet
DS14222 - Rev 5 - March 2025
For further information, contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STK615N4F8AG

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK6103 SANYO-STK6103 Datasheet
232Kb / 11P
DC 3-phase Brushless Motor Driver (Output Current 3A)
STK6105 SANYO-STK6105 Datasheet
236Kb / 11P
DC 3-phase Brushless Motor Driver (Output Current 5A)?
STK611-721-E SANYO-STK611-721-E Datasheet
131Kb / 9P
Fan 3-phase Inverter Motor Drive Inverter Hybrid IC
logo
ON Semiconductor
STK611-721-E ONSEMI-STK611-721-E Datasheet
129Kb / 9P
3-Phase Motor Drive Inverter Hybrid IC
July, 2013
More results

Similar Description - STK615N4F8AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STK130N4LF7AG STMICROELECTRONICS-STK130N4LF7AG Datasheet
234Kb / 12P
Automotive N-channel 40 V, 2.4 mΩ typ., 100 A, STripFET F7 Power MOSFET in an LFPAK 5x6 package
28-Sep-2021
STL325N4LF8AG STMICROELECTRONICS-STL325N4LF8AG Datasheet
644Kb / 15P
Automotive N‑channel enhancement mode logic level 40 V, 0.75 mΩ max., 373 A STripFET F8 Power MOSFET in a PowerFLAT 5x6
27-Apr-2022
STF260N4F7 STMICROELECTRONICS-STF260N4F7 Datasheet
470Kb / 11P
N-channel 40 V, 1.95 mΩ typ., 90 A, STripFET™ F7 Power MOSFET in a TO-220FP package
13-Oct-2015
STL105N4LF7AG STMICROELECTRONICS-STL105N4LF7AG Datasheet
936Kb / 15P
Automotive-grade N-channel 40 V, 3.0 mΩ typ., 105 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
18-Jan-2018
STL260N4F7 STMICROELECTRONICS-STL260N4F7 Datasheet
850Kb / 16P
N-channel 40 V, 0.9 mΩ typ., 120 A, STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
03-Apr-2019
STP180N4F6 STMICROELECTRONICS-STP180N4F6 Datasheet
680Kb / 13P
N-channel 40 V, 2.1 mΩ typ., 120 A STripFET™ F6 Power MOSFET in a TO-220 package
11-Oct-2016
STP260N4F7 STMICROELECTRONICS-STP260N4F7 Datasheet
683Kb / 13P
N-channel 40 V, 1.8 mΩ typ., 120 A STripFET™ F7 Power MOSFET in a TO-220 package
16-Jun-2016
STL120N10F8 STMICROELECTRONICS-STL120N10F8 Datasheet
633Kb / 15P
N‑channel enhancement mode standard level 100 V, 4.6 mΩ max., 125 A STripFET F8 Power MOSFET in a PowerFLAT 5x6 package
13-Jan-2023
STL320N4LF8 STMICROELECTRONICS-STL320N4LF8 Datasheet
617Kb / 16P
N-channel enhancement mode logic level 40 V, 0.8 mΩ max., 360 A, STripFET F8 Power MOSFET in a PowerFLAT 5x6 package
13-Jun-2022
STL160N4F7 STMICROELECTRONICS-STL160N4F7 Datasheet
861Kb / 18P
N-channel 40 V, 2.1 mΩ typ., 120 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
20-Nov-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com