Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS160PR810 Datasheet(PDF) 24 Page - Texas Instruments

Part # DS160PR810
Description  DS160PR810 PCIe 4.0 16-Gbps 8-Channel Linear Redriver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS160PR810 Datasheet(HTML) 24 Page - Texas Instruments

Back Button DS160PR810 Datasheet HTML 20Page - Texas Instruments DS160PR810 Datasheet HTML 21Page - Texas Instruments DS160PR810 Datasheet HTML 22Page - Texas Instruments DS160PR810 Datasheet HTML 23Page - Texas Instruments DS160PR810 Datasheet HTML 24Page - Texas Instruments DS160PR810 Datasheet HTML 25Page - Texas Instruments DS160PR810 Datasheet HTML 26Page - Texas Instruments DS160PR810 Datasheet HTML 27Page - Texas Instruments DS160PR810 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
Figure 8-2 shows a simplified schematic for x16lane configuration in Pin Mode.
RXnP
RXnN
TXnP
TXnN
VCC
MODE
1 F
0.1 F
(4x)
3.3V
Minimum
recommended
decoupling
Pin strap to set
EQ gain
GND
1 NŸ
Voltage
Regulator
PD0
PD1
Drive PD pins of all
redrivers with the
appropriate PRSNT# signal
from the PCIe interface.
Sets Pin Mode
Pin strap to set
datapath DC gain
Shared Digital
RXnP
RXnN
TXnP
TXnN
RX_DET
READ_EN_N
ALL_DONE_N
VCC
MODE
1 F
0.1 F
(4x)
3.3V
Minimum
recommended
decoupling
Pin strap to set
EQ gain
GND
1 NŸ
Voltage
Regulator
PD0
PD1
Sets Pin Mode
Pin strap to set
datapath DC gain
Shared Digital
For brevity 1 of 8
channels (from each
DS160PR810) shown
For brevity 1 of 8
channels (from each
DS160PR810) shown
DS160PR810 TX Redrivers
DS160PR810 RX Redrivers
Drive PD pins of all
redrivers with the
appropriate PRSNT# signal
from the PCIe interface.
RSVD1,2
RX_DET
READ_EN_N
ALL_DONE_N
RSVD1,2
VREG1
0.1 F (2x)
VREG2
0.1 F (2x)
VREG1
0.1 F (2x)
VREG2
0.1 F (2x)
Two PR810
Two PR810
Redriver
Datapath
One Channel of Eight
Redriver
Datapath
One Channel of Eight
220nF
220nF
220nF
220nF
220nF
220nF
220nF
220nF
Figure 8-2. Simplified Schematic for PCIe x16 Lane Configuration in Pin Mode
DS160PR810
SNLS658 – DECEMBER 2020
www.ti.com
24
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DS160PR810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com