Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS160PR810 Datasheet(PDF) 4 Page - Texas Instruments

Part # DS160PR810
Description  DS160PR810 PCIe 4.0 16-Gbps 8-Channel Linear Redriver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS160PR810 Datasheet(HTML) 4 Page - Texas Instruments

  DS160PR810 Datasheet HTML 1Page - Texas Instruments DS160PR810 Datasheet HTML 2Page - Texas Instruments DS160PR810 Datasheet HTML 3Page - Texas Instruments DS160PR810 Datasheet HTML 4Page - Texas Instruments DS160PR810 Datasheet HTML 5Page - Texas Instruments DS160PR810 Datasheet HTML 6Page - Texas Instruments DS160PR810 Datasheet HTML 7Page - Texas Instruments DS160PR810 Datasheet HTML 8Page - Texas Instruments DS160PR810 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
Pin Functions
PIN
I/O, TYPE
DESCRIPTION
NAME
NO.
ALL_DONE_N
31
O, 3.3 V open
drain
In SMBus/I2C Master Mode:
Indicates the completion of a valid EEPROM register load operation. External pullup
resistor such as 4.7 kΩ required for operation.
High: External EEPROM load failed or incomplete
Low: External EEPROM load successful and complete
In SMBus/I2C slave/Pin Mode:
This output is High-Z. The pin can be left floating.
MODE
61
I, 4-level
Sets device control configuration modes. 4-level IO pin as defined in Table 7-1. The pin
can be exercised at device power up or in normal operation mode.
L0: Pin Mode – device control configuration is done solely by strap pins.
L1: SMBus/I2C Master Mode - device control configuration is read from external
EEPROM. When the device has finished reading from the EEPROM successfully, it will
drive the ALL_DONE_N pin LOW. SMBus/I2C slave operation is available in this mode
before, during or after EEPROM reading. Note during EEPROM reading if the external
SMBus/I2C master wants to access the device registers it must support arbitration.
L2: SMBus/I2C Slave Mode – device control configuration is done by an external
controller with SMBus/I2C master.
L3 (Float): RESERVED – TI internal test mode.
EQ0_0 / ADDR0
59
I, 4-level
In Pin Mode:
Sets receiver linear equalization (CTLE) for channels 0-3 according to Table 7-3.
These pins are sampled at device power-up only.
In SMBus/I2C Mode:
Sets SMBus / I2C slave address according to Table 7-4. These pins are sampled at
device power-up only.
EQ1_0 / ADDR1
60
I, 4-level
EQ0_1
27
I, 4-level
Sets receiver linear equalization (CTLE) for channels 4-7 according to Table 7-3 in Pin
mode. The pin is sampled at device power-up only.
EQ1_1
29
I, 4-level
Sets receiver linear equalization (CTLE) for channels 4-7 according to Table 7-3 in Pin
mode. The pin is sampled at device power-up only.
GAIN0 / SDA
63
I, 4-level / I/O,
3.3 V
LVCMOS,
open drain
In Pin Mode:
Flat gain (DC and AC) from the input to the output of the device for channels 0-3. The
pin is sampled at device power-up only.
In SMBus/I2C Mode:
3.3 V SMBus/I2C data. External 1 kΩ to 5 kΩ pullup resistor is required as per SMBus /
I2C interface standard.
GAIN1
28
I, 4-level
Flat gain (DC and AC) from the input to the output of the device for channels 4-7 in Pin
mode. The pin is sampled at device power-up only.
GND
EP, 9, 12, 21,
24, 32, 41, 44,
53, 56, 64
P
Ground reference for the device.
EP: the Exposed Pad at the bottom of the QFN package. It is used as the GND return
for the device. The EP should be connected to ground plane(s) through low resistance
path. A via array provides a low impedance path to GND. The EP also improves
thermal dissipation.
PD0
25
I, 3.3 V
LVCMOS
2-level logic controlling the operating state of the redriver. Active in all device control
modes. The pin has internal 1-MΩ weak pulldown resistor.
High: Power down for channels 0-3
Low: Power up, normal operation for channels 0-3
PD1
26
I, 3.3 V
LVCMOS
2-level logic controlling the operating state of the redriver. Active in all device control
modes. The pin has internal 1-MΩ weak pulldown resistor.
High: Power down for channels 4-7
Low: Power up, normal operation for channels 4-7
READ_EN_N
57
I, 3.3 V
LVCMOS
In SMBus/I2C Master Mode:
After device power up, when the pin is low, it initiates the SMBus / I2C master mode
EEPROM read function. Once EEPROM read is complete (indicated by assertion of
ALL_DONE_N low), this pin can be held low for normal device operation. During the
EEPROM load process the device’s signal path is disabled.
In SMBus/I2C Slave and Pin Modes:
In these modes the pin is not used. The pin can be left floating. The pin has internal 1-
MΩ weak pulldown resistor.
RSVD0
58
—
Reserved use for TI. The pin must be left floating (NC).
DS160PR810
SNLS658 – DECEMBER 2020
www.ti.com
4
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DS160PR810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com