Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4925 Datasheet(PDF) 8 Page - STMicroelectronics

Part # L4925
Description  Very low drop voltage regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4925 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L4925_V01 Datasheet HTML 4Page - STMicroelectronics L4925_V01 Datasheet HTML 5Page - STMicroelectronics L4925_V01 Datasheet HTML 6Page - STMicroelectronics L4925_V01 Datasheet HTML 7Page - STMicroelectronics L4925_V01 Datasheet HTML 8Page - STMicroelectronics L4925_V01 Datasheet HTML 9Page - STMicroelectronics L4925_V01 Datasheet HTML 10Page - STMicroelectronics L4925_V01 Datasheet HTML 11Page - STMicroelectronics L4925_V01 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Functional description
L4925
8/14
Doc ID 1770 Rev 8
3
Functional description
The L4925 is a monolithic integrated voltage regulator, based on the STM modular voltage
regulator approach. Several outstanding features and auxiliary functions are implemented to
meet the requirements of supplying microprocessor systems in automotive applications.
Nevertheless, it is suitable also in other applications where the present functions are
required. The modular approach of this device allows to get easily also other features and
functions when required.
3.1
Voltage regulator
The voltage regulator uses an Isolated Collector Vertical PNP transistor as a regulating
element. With this structure very low dropout voltage at currents up to 500 mA is obtained.
Figure 3.
Foldback characteristics of VO
The dropout operation of the standby regulator is maintained down to 3 V input supply
voltage. The output voltage is regulated up to the transient input supply voltage of 35 V. With
this feature no functional interruption due to overvoltage pulses is generated.
The typical curve showing the standby output voltage as a function of the input supply
voltage is shown in Figure 4.
The current consumption of the device (quiescent current) is less than 250 µA. To reduce
the quiescent current peak in the undervoltage region and to improve the transient response
in this region, the dropout voltage is controlled.
The quiescent current as a function of the supply input voltage is shown in Figure 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com