Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4925 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L4925
Description  Very low drop voltage regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4925 Datasheet(HTML) 1 Page - STMicroelectronics

  L4925_V01 Datasheet HTML 1Page - STMicroelectronics L4925_V01 Datasheet HTML 2Page - STMicroelectronics L4925_V01 Datasheet HTML 3Page - STMicroelectronics L4925_V01 Datasheet HTML 4Page - STMicroelectronics L4925_V01 Datasheet HTML 5Page - STMicroelectronics L4925_V01 Datasheet HTML 6Page - STMicroelectronics L4925_V01 Datasheet HTML 7Page - STMicroelectronics L4925_V01 Datasheet HTML 8Page - STMicroelectronics L4925_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
September 2013
Doc ID 1770 Rev 8
1/14
1
L4925
Very low drop voltage regulator
Features
■ Operating DC supply voltage range 6 V to 28 V
■ Transient supply voltage up to 40 V
■ Extremely low quiescent current
■ High precision output voltage
■ Output current capability up to 500 mA
■ Very low dropout voltage less than 0.6 V
■ Reset circuit sensing the output voltage
■ Programmable reset pulse delay with external
capacitor
■ Thermal shutdown and short circuit protections
Description
The L4925 is a monolithic integrated 5 V voltage
regulator with a very low dropout output and
additional functions such as power-on reset and
programmable reset delay time.
It is designed for supplying microcomputer
controlled systems especially in automotive
applications.
Table 1. Device summary
Package
Order codes
Tube
Tape and reel
PowerSO-20
L4925PD
L4925PD013TR
PowerSO-20
www.st.com


Similar Part No. - L4925_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4925PD STMICROELECTRONICS-L4925PD Datasheet
69Kb / 8P
VERY LOW DROP VOLTAGE REGULATOR
Jun-2000
L4925PD STMICROELECTRONICS-L4925PD Datasheet
1Mb / 22P
for car body applications
Oct-2013
More results

Similar Description - L4925_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4925 STMICROELECTRONICS-L4925 Datasheet
69Kb / 8P
VERY LOW DROP VOLTAGE REGULATOR
Jun-2000
L4945 STMICROELECTRONICS-L4945 Datasheet
43Kb / 6P
5V VERY LOW DROP VOLTAGE REGULATOR
Mar-1999
L4949E STMICROELECTRONICS-L4949E Datasheet
77Kb / 10P
MULTIFUNCTION VERY LOW DROP VOLTAGE REGULATOR
Jun-2000
LDRXXYY STMICROELECTRONICS-LDRXXYY Datasheet
384Kb / 13P
VERY LOW DROP DUAL VOLTAGE REGULATOR
03-Aug-2004
LDR1833 STMICROELECTRONICS-LDR1833_08 Datasheet
407Kb / 16P
Very low drop dual voltage regulator
15-Apr-2008
L4949ED-E STMICROELECTRONICS-L4949ED-E Datasheet
475Kb / 19P
Multifunction very low drop voltage regulator
24-Nov-2009
L4949ED013TR STMICROELECTRONICS-L4949ED013TR Datasheet
501Kb / 19P
Multifunction very low drop voltage regulator
25-Nov-2009
CD00257532 STMICROELECTRONICS-CD00257532 Datasheet
475Kb / 19P
Multifunction very low drop voltage regulator
24-Nov-2009
logo
E-Tech Electronics LTD
L2949E ETL-L2949E Datasheet
140Kb / 7P
MULTIFUNCTION VERY LOW DROP VOLTAGE REGULATOR
logo
STMicroelectronics
LDFM STMICROELECTRONICS-LDFM Datasheet
1Mb / 36P
500 mA very low drop voltage regulator
September 2016 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com