Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4993MDTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # L4993MDTR
Description  Automotive low drop voltage regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4993MDTR Datasheet(HTML) 1 Page - STMicroelectronics

  L4993MDTR Datasheet HTML 1Page - STMicroelectronics L4993MDTR Datasheet HTML 2Page - STMicroelectronics L4993MDTR Datasheet HTML 3Page - STMicroelectronics L4993MDTR Datasheet HTML 4Page - STMicroelectronics L4993MDTR Datasheet HTML 5Page - STMicroelectronics L4993MDTR Datasheet HTML 6Page - STMicroelectronics L4993MDTR Datasheet HTML 7Page - STMicroelectronics L4993MDTR Datasheet HTML 8Page - STMicroelectronics L4993MDTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
This is information on a product in full production.
September 2018
DS5285 Rev 10
1/31
L4993
Automotive low drop voltage regulator
Datasheet
- production data
Features
 AEC-Q100 qualified
 Operating DC supply
voltage range 5.6 V to 31 V
 Reset circuit sensing the output voltage down
to 1 V
 Programmable reset pulse delay with external
capacitor
 Watchdog
 Programmable watchdog timer with external
 Enable input for enabling/disabling the
watchdog functionality
 Thermal shutdown and short circuit protection
 Wide temperature range (Tj = -40°C to 150°C)
Description
The L4993 is a monolithic integrated 5 V Voltage
regulator with a low drop voltage at currents up to
150 mA.The output voltage regulating element
consists in a p-channel MOS and the regulation is
performed regardless of input voltage transients
up to 40 V. The high precision of the output
voltage is obtained with a pre-trimmed reference
voltage. The L4993 is protected against short
circuit and an over-temperature protection
switches off the device in case of extremely high
power dissipation. The L4993 watchdog is active
when the Enable is high. State of the art features
like reset and watchdog make this device
particularly suitable to supply microprocessor
systems in automotive applications.
Max DC supply voltage
VS
40 V
Max output voltage tolerance
∆V0
+/-2%
Max dropout voltage
Vdp
400 mV
Output current
I0
150 mA
Quiescent current
Iqn
79 μA (1)
1. Typical value with watchdog disabled.
SO-8
SO-20
Table 1. Device summary
Package
Order codes
Tube
Tape & reel
SO-8
—
L4993DTR
SO-20 (16+2+2)
L4993MD
L4993MDTR
www.st.com


Similar Part No. - L4993MDTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4993MDTR STMICROELECTRONICS-L4993MDTR Datasheet
526Kb / 30P
Low drop voltage regulator
08-Apr-2008
More results

Similar Description - L4993MDTR

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4276 SIEMENS-TLE4276 Datasheet
158Kb / 16P
Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLE4276 INFINEON-TLE4276 Datasheet
209Kb / 19P
Low-Drop Voltage Regulator
Version 2.2 2000-10-11
logo
STMicroelectronics
TEA7610 STMICROELECTRONICS-TEA7610 Datasheet
74Kb / 4P
LOW-DROP VOLTAGE REGULATOR
Jun-1992
logo
Infineon Technologies A...
TLE4266-2 INFINEON-TLE4266-2 Datasheet
209Kb / 11P
Low Drop Voltage Regulator
Rev. 1.2, 2004-01-01
logo
STMicroelectronics
L4979D STMICROELECTRONICS-L4979D_06 Datasheet
370Kb / 10P
LOW DROP VOLTAGE REGULATOR
Feb-2006
logo
Infineon Technologies A...
TLE4296-2 INFINEON-TLE4296-2_11 Datasheet
1Mb / 12P
Low Drop Voltage Regulator
Rev. 1.11, 2011-02-10
logo
IK Semicon Co., Ltd
IK8102 IKSEMICON-IK8102 Datasheet
181Kb / 6P
Low Drop Regulator for Automotive
logo
Infineon Technologies A...
TLE4274-2DV50 INFINEON-TLE4274-2DV50 Datasheet
315Kb / 16P
Low Drop Voltage Regulator
Rev. 1.7, 2011-01-20
logo
STMicroelectronics
L4979DTR-E STMICROELECTRONICS-L4979DTR-E Datasheet
475Kb / 22P
Low drop voltage regulator
19-Sep-2013
logo
Infineon Technologies A...
TLE4296-2 INFINEON-TLE4296-2_14 Datasheet
1Mb / 12P
Low Drop Voltage Regulator
Rev. 1.13, 2014-03-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com