Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4993MDTR Datasheet(PDF) 16 Page - STMicroelectronics

Part # L4993MDTR
Description  Automotive low drop voltage regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4993MDTR Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L4993MDTR Datasheet HTML 12Page - STMicroelectronics L4993MDTR Datasheet HTML 13Page - STMicroelectronics L4993MDTR Datasheet HTML 14Page - STMicroelectronics L4993MDTR Datasheet HTML 15Page - STMicroelectronics L4993MDTR Datasheet HTML 16Page - STMicroelectronics L4993MDTR Datasheet HTML 17Page - STMicroelectronics L4993MDTR Datasheet HTML 18Page - STMicroelectronics L4993MDTR Datasheet HTML 19Page - STMicroelectronics L4993MDTR Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
Application information
L4993
16/31
DS5285 Rev 10
3
Application information
Figure 24. L4993 application schematic
Note:
The input capacitor Cs > 200 nF is necessary for the smoothing of line disturbances. The
output capacitor C01 > 100 nF is necessary for the stability of the regulation loop. In order to
damp output voltage oscillations during high load current surges, it is recommended put an
additional electrolytic capacitor C02 > 10 µF at the output pin.
3.1
Voltage regulator
Voltage regulator uses a p-channel transistor as a regulating element. With this structure,
very low dropout voltage at current up to 500 mA is obtained. The output voltage is
regulated up to transient input supply voltage of 40 V. No functional interruption due to over-
voltage pulses is generated. A short circuit protection to GND is provided. The voltage
regulator watchdog functionality can be disabled by putting WEn low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com