Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5300GJ Datasheet(PDF) 6 Page - STMicroelectronics

Part # L5300GJ
Description  Automotive 5 V low drop voltage regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5300GJ Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L5300GJ Datasheet HTML 2Page - STMicroelectronics L5300GJ Datasheet HTML 3Page - STMicroelectronics L5300GJ Datasheet HTML 4Page - STMicroelectronics L5300GJ Datasheet HTML 5Page - STMicroelectronics L5300GJ Datasheet HTML 6Page - STMicroelectronics L5300GJ Datasheet HTML 7Page - STMicroelectronics L5300GJ Datasheet HTML 8Page - STMicroelectronics L5300GJ Datasheet HTML 9Page - STMicroelectronics L5300GJ Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Block diagram and pins description
L5300GJ
6/26
DS6145 Rev 8
Table 2. Pins description
N°
Name
Function
1
NC
Not connected
2Res
Reset output. Internally connected to Vo through a 20 K pull up
resistor. This pin is pulled low when Vo < Vo_th. Keep open if not
needed
3Vcr
Reset delay. Connect an external capacitor between Vcr pin and
ground to adjust the reset delay time. Keep open if not needed
4
GND
Ground reference
5Vos
Regulator output voltage sensing (connect to Vo)
6Vo
5 V regulated output. Block to GND with a ceramic capacitor
(Co 220 nF for regulator stability)
7VS
Supply voltage, block directly to GND on the IC with a capacitor
8
NC
Not connected
9En
Enable input. A high signal switches the regulator ON. Connect to
VS if not needed
10
EWi
Early warning input. This pin monitors the VS voltage level through
a resistor divider. Connect to VS if not needed
11
NC
Not connected
12
EWo
Early warning output. Internally connected to Vo through 20 K
pull up resistor. This pin is pulled low when EWi is below bandgap
reference voltage. Keep open if not needed
-TAB
TAB is connected to the substrate of the chip: connect to GND or
leave open (see Figure 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com