Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L5300GJ Datasheet(PDF) 24 Page - STMicroelectronics

Part # L5300GJ
Description  Automotive 5 V low drop voltage regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5300GJ Datasheet(HTML) 24 Page - STMicroelectronics

Back Button L5300GJ Datasheet HTML 18Page - STMicroelectronics L5300GJ Datasheet HTML 19Page - STMicroelectronics L5300GJ Datasheet HTML 20Page - STMicroelectronics L5300GJ Datasheet HTML 21Page - STMicroelectronics L5300GJ Datasheet HTML 22Page - STMicroelectronics L5300GJ Datasheet HTML 23Page - STMicroelectronics L5300GJ Datasheet HTML 24Page - STMicroelectronics L5300GJ Datasheet HTML 25Page - STMicroelectronics L5300GJ Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
Revision history
L5300GJ
24/26
DS6145 Rev 8
6
Revision history
Table 11. Document revision history
Date
Revision
Changes
09-Aug-2007
1
Initial release.
17-Sep-2008
2
Changed rev. numbering according with new “Target” standard.
Updated quiescent currents on Features table.
Updated Description on cover page.
Changed Figure 1: Block diagram.
Updated Figure 2: Configuration diagram (top view):
– added pin names.
Updated Table 2: Pins description:
– changed pin 5 from NC to Vos
Added values to Table 4: Thermal data.
Updated Table 5.: General:
– updated test condition on Vo_ref
– changed Ishort values
– changed Ilim values
– updated test condition on Vline
– updated test condition on Vload
– Inserted Ioth_H
– Inserted Ioth_L
– Inserted Ioth_Hyst
Updated Table 6: Reset:
– updated test condition on Vres_l
– updated test condition on Vo_th
– changed
VRlth values
– deleted test condition on Trr
– changed
Trd values
Updated Table 7: Early warning:
– updated test condition on EWo_lv
– updated test condition on IWo
Updated Table 8: Enable:
– changed typ. value on VEn_hyst
– updated test condition on I_leak
Updated Chapter 3: Application information
– deleted Figure 3: Behavior of output current versus regulated
voltage Vo
– updated Section 3.2: Reset
– updated Section 3.4: Enable
Added Chapter 4: Package and PCB thermal data.
Updated Table 10: PowerSSO-12 mechanical data:
– changed slug dimensions
–Io = 1 to 300 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com