Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9301 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L9301
Description  Automotive octal low side driver or quad low side plus quad high side driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9301 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L9301_V01 Datasheet HTML 27Page - STMicroelectronics L9301_V01 Datasheet HTML 28Page - STMicroelectronics L9301_V01 Datasheet HTML 29Page - STMicroelectronics L9301_V01 Datasheet HTML 30Page - STMicroelectronics L9301_V01 Datasheet HTML 31Page - STMicroelectronics L9301_V01 Datasheet HTML 32Page - STMicroelectronics L9301_V01 Datasheet HTML 33Page - STMicroelectronics L9301_V01 Datasheet HTML 34Page - STMicroelectronics L9301_V01 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
DS11400 Rev 9
31/54
L9301
Low side driver
53
9.3.7
Over current (OC) comparator self-test
L9301 provides driver OC (over current) comparator self-test function. During OFF phase,
the OC comparator still works and the expected result is '1' due to high drain-source voltage.
If L9301 detects OC '0' during OFF phase, the SPI bit oc_comparator_f is set to '1'.
For DRN1-4, when they are configured as LS, a Short To Ground (STG) fault will not trigger
OC '1', so L9301 will report both STG and OC comparator self-test fail, when they are
configured as HS, a short-to-battery (STB) fault will not trigger OC '1', so L9301 will report
both STB and OC comparator self-test fail. For OUT1-8, if a STG is present at OFF phase,
the OC comparator inputs are still forced to have OC '1'.
9.3.8
Electrical characteristics related to diagnosis
5 V ≤ VB < 18 V; -40 °C ≤ Tj ≤ 175 °C unless otherwise specified.
Table 24. Electrical characteristics related to diagnosis
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
DRN1-4
SRC1-4
TOver_temperature_blanking
Over temperature
blanking time
Tested by scan
1
-
1.5
µs
TOver_temperature_filter
Over temperature
filter time
Tested by scan
2
-
5
µs
TCharge_pump_low
Charge pump low
filter time
Tested by scan
3
-
5
µs
TCharge_pump_low_blanking
Charge pump low
blanking time
Tested by scan
25
-
40
µs
Tdiode_loss_filter_time
Diode loss filter time Tested by scan
3
-
5
µs
Ropen_load_HLS
Min. resistor value
open load detection Not tested
10
-
kΩ
IOC_HLS
Over current
threshold 1
-
1
2
3
A
IOC_HLS
Over current
threshold 2
-
3
4
5
A
TFLT_OC_HLS
Over current filtering
time
Tested by scan
3
-
5
µs
TFLT_diagoff_HLS
Filtering open load
and short to GND
diag. off
Tested by scan
55
-
80
µs
Td_blank0_HLS
Diagnosis blanking
time after switch-off Tested by scan
900
-
1300
µs
Td_blank1_HLS
Diagnosis blanking
time after switch-off Tested by scan
450
-
650
µs
VTOPEN_HS
Open load threshold
voltage
HS configuration
1.9
2.1
2.3
V
VTOPEN_LS
LS configuration
2.7
2.9
3.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com