Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9301 Datasheet(PDF) 40 Page - STMicroelectronics

Part # L9301
Description  Automotive octal low side driver or quad low side plus quad high side driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9301 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L9301_V01 Datasheet HTML 36Page - STMicroelectronics L9301_V01 Datasheet HTML 37Page - STMicroelectronics L9301_V01 Datasheet HTML 38Page - STMicroelectronics L9301_V01 Datasheet HTML 39Page - STMicroelectronics L9301_V01 Datasheet HTML 40Page - STMicroelectronics L9301_V01 Datasheet HTML 41Page - STMicroelectronics L9301_V01 Datasheet HTML 42Page - STMicroelectronics L9301_V01 Datasheet HTML 43Page - STMicroelectronics L9301_V01 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 54 page
background image
SPI
L9301
40/54
DS11400 Rev 9
13.2
MISO
Back supply current into supply pin of MISO is not allowed.
Back to Back structure: in case of an over-voltage condition at the MISO output, the HS path
(Back to Back) is switched off after tOFF_PROT by analog circuitry to avoid back supply
current into supply pin of SDO.
5 V ≤ VB < 18 V; -40 °C ≤ Tj ≤ 175 °C unless otherwise specified.
Table 29. MISO
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
MISO
V_OH
Logic output high
voltage
Isink = 2 mA
VDD_I/O-0.4
-
-
V
V_OL
Logic output low voltage Isource = 2 mA
-
0.4
V
VOV_MISO
Over voltage detection
threshold at MISO
output
-
VDDIO+0.05
-
VDDIO+0.2
V
tOFF_PROT
Turn OFF delay for over
voltage reverse supply
protection
-
0
-
1.5
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com