Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9347 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L9347
Description  Intelligent quad (2x5A/2x2.5A) low-side switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9347 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L9347_V01 Datasheet HTML 12Page - STMicroelectronics L9347_V01 Datasheet HTML 13Page - STMicroelectronics L9347_V01 Datasheet HTML 14Page - STMicroelectronics L9347_V01 Datasheet HTML 15Page - STMicroelectronics L9347_V01 Datasheet HTML 16Page - STMicroelectronics L9347_V01 Datasheet HTML 17Page - STMicroelectronics L9347_V01 Datasheet HTML 18Page - STMicroelectronics L9347_V01 Datasheet HTML 19Page - STMicroelectronics L9347_V01 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
Functional Description
L9347
16/29
EN&IN=low means that at least one between enable and input is low. For the inputs IN = low
means also no input PWM. For the regulator input period longer than TDreg and for the
standard channel input period longer thanTD.
A detected error is stored in an error register. The reset of this register is made with a timer
TD. With this approach all errors are present at the status output at least for the time TD.
All protection functions like short circuit of the output, overtemperature, clock failure or
power-GND-loss in ON condition are stored into an internal “fail” register. The output is then
shut off. The register must be reset with a low signal at the input. A “low signal” means that
the input is low for a time longer than TD or TDReg for the reulated channel, otherwise it is
interpreted as a PWM input signal and the register is left in set mode.
Signal-GND-loss and VS-loss are detected in the active on mode, but they do not set the fail
register. This type of error is only delayed with the standard timer t
lf function.
Open load is detected for all four channels in on and off state.
Open load in off condition detects the voltage on the output pin. If this voltage is below 0.33
* VS the error register is set and delayed with TD. A sink current stage pull the output down
to ground, with EN high. With EN low the output is floating in case of openload and the
detection is not assured. In the ON state the load current is monitored by the non-regulated
channels. If it drops below the specified threshold value IQU an open load is detected and
the error register is set and delayed with TD. A regulated channel detects the open load in
the on state with the current regulator error detection. If the output PWM reaches 90% for a
time longer than tRE than an error occurs. This could happen when no load is connected, the
Table 7.
Detected errors
ON State
EN &IN =
HIGH
OFF State
EN &IN =
LOW
Filter
time
Reset done by
Short circuit of the load
X
tsf
EN & IN = “LOW”
for TD or TDreg
Open load
(under voltage detection)
Xtlf
timer TD
Open load
(under current detection)
Xtsf
timer TD
Over temperature
X
tsf
EN & IN = “LOW”
for TD or TDreg
Power-GND-loss
X
X
tlf
in on: EN & IN = “LOW”
for TD or TDreg
in off: timer TD
Signal-GND-loss
X
X
tlf
timer TD
Supply-VS-loss
X
X
tlf
timer TD
Clock control
X
X
no
in on: EN & IN = “LOW”
for TD or TDreg
in off: timer TD
Output voltage clamp active
X
(regulated
channels)
no
in on: EN & IN = “LOW”
for TD or TDreg
in off: timer TD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com