Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9347 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L9347
Description  Intelligent quad (2x5A/2x2.5A) low-side switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9347 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L9347_V01 Datasheet HTML 13Page - STMicroelectronics L9347_V01 Datasheet HTML 14Page - STMicroelectronics L9347_V01 Datasheet HTML 15Page - STMicroelectronics L9347_V01 Datasheet HTML 16Page - STMicroelectronics L9347_V01 Datasheet HTML 17Page - STMicroelectronics L9347_V01 Datasheet HTML 18Page - STMicroelectronics L9347_V01 Datasheet HTML 19Page - STMicroelectronics L9347_V01 Datasheet HTML 20Page - STMicroelectronics L9347_V01 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
L9347
Functional Description
17/29
resistivity of the load is too high or the supply voltage too low. The same error is shown if the
regulator is not able to reduce the current in the load in the time tRE, so the output PWM falls
below 10%.
A clock failure (clock loss) is detected when the frequency becomes lower than f
CLK,min. All
status outputs are set on error and all power outputs are shut off. The status signals remain
in their state until the clock signal is present again. A clock failure during power on of VCC is
detected only on the regulated channels. The status outputs of the channel 1 and 2 are low
in this case.
3.7
Drift detection (regulated channels only)
The drift detection is used to compare the two regulated channels during regulation. This
“Drift” test compares the output PWM of the regulators. The resistivity of the load influences
the output PWM. The approximated formula for the output current below shows the
dependency of the load resistor to the output PWM. In this formula the energy reduction
during the recirculation is not taken into account. The real output PWM is higher. The
testmode is enabled with IN,EN and TEST high. With an identical 2kHz PWM-Signal
connected to the IN-inputs the output PWM must be in a range of +-14.3%. If the difference
between the two on-times is more than ±14.3% of the expected value an error is detected
and monitored by the status outputs, in the same way as described above, but a drift error
will not be registered and also not delayed with TD as other errors
Drift Definition:
Drift = PWM(1+E) - PWM (1-E) = 2PWM E
Drift * 4 < PWM (1+E)
with E >14.3% a drift is detected
E.. not correlated Error of the channels
%PWM ... Corresponding ideal output PWM to a given input PWM
A 7bit output-PWM-register is used for the comparison. The register with the lower value is
subtracted from the higher one. This result is multiplied by four and compared with the
higher value.
3.8
Other test modes
The test pin is also used to test the regulated channels in the production. With a special
sequence on this pin the power stages of the regulated channels can be controlled direct
from the input. No status feedback of the regulated channels is given. The status output is
clocked by the regulator logic. The output sequence is a indication of a proper logic
functionality. The functionality of this special test mode is shown in Table 8.
IOUT
VBAT
RL
RON
+
---------------------------- PWM
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com