Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9663 Datasheet(PDF) 47 Page - STMicroelectronics

Part # L9663
Description  Automotive PSI5 Transceiver IC
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button L9663_V01 Datasheet HTML 43Page - STMicroelectronics L9663_V01 Datasheet HTML 44Page - STMicroelectronics L9663_V01 Datasheet HTML 45Page - STMicroelectronics L9663_V01 Datasheet HTML 46Page - STMicroelectronics L9663_V01 Datasheet HTML 47Page - STMicroelectronics L9663_V01 Datasheet HTML 48Page - STMicroelectronics L9663_V01 Datasheet HTML 49Page - STMicroelectronics L9663_V01 Datasheet HTML 50Page - STMicroelectronics L9663_V01 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 106 page
background image
DS11401 Rev 6
47/106
L9663
Communication interface
105
5
Communication interface
As interface to the microcontroller, either the SPI interface or the direct interface shall be
used.
The following pins are used for SPI communication:
MOSI
MISO
SCLK
CS
5.1
Device registers
The following registers are available for writing configuration data and reading information
data. Registers can be of 4 different types:
WO: writeable only
RO: readable only
R/W: both readable and writeable
RC : readable and cleared upon reading
Device configuration registers are marked with "PROG". These registers can only be written
before the microcontroller sends an EOP (End Of Programming) command through the
Direct Command Register (DCR).
The registers which have a special safety importance contain a parity bit (PAR) which must
be written by the µC with an odd parity. A periodic check (every 150 us) is done and if a
parity error is found on one of these registers the GBIT is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com