Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9663 Datasheet(PDF) 28 Page - STMicroelectronics

Part # L9663
Description  Automotive PSI5 Transceiver IC
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9663 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button L9663_V01 Datasheet HTML 24Page - STMicroelectronics L9663_V01 Datasheet HTML 25Page - STMicroelectronics L9663_V01 Datasheet HTML 26Page - STMicroelectronics L9663_V01 Datasheet HTML 27Page - STMicroelectronics L9663_V01 Datasheet HTML 28Page - STMicroelectronics L9663_V01 Datasheet HTML 29Page - STMicroelectronics L9663_V01 Datasheet HTML 30Page - STMicroelectronics L9663_V01 Datasheet HTML 31Page - STMicroelectronics L9663_V01 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 106 page
background image
Satellite interface
L9663
28/106
DS11401 Rev 6
Each PSI5 data frame consists of a total p bits containing:
two start bits (S1 and S2),
one parity bit (P) with even parity or alternatively 3 CRC bits (C0, C1, C2), and
a data region (D0 … D[k-1]) with k = 8…28 bit.
The total length of a PSI5 frame is p=k+3 data bits (in case of frames with parity bit) or
p=k+5 data bits (in case of frames with CRC).
Data bits are transmitted LSB first. The parity or CRC check bits cover the bits of the entire
data region.
Figure 14. PSI5 v1.3 frame
Figure 15. PSI5 v2.0 frame
GAPGPS01675
Data Region
(k = 8, 10, 16, 20, 24 bit)
C0
C1
C2
CRC or parity
1, 3 bit
S2
S1
Start bits
2 bit
D[k-2]
D[k-1]
D0
D[k-3]
PSI5 Frame p = 11 .. 29 bit
GAPGPS01676
B1
Data Region (k = 10..28 bit)
C0
C1
C2
CRC or parity
1, 3 bit
Status
optional
0, 1 or 2 bit
S2
S1
Start bits
2 bit
A[n-2]
A[n-1]
A0
B[m-1]
B0
F[q-1]
F0
E0
M1
M0
Frame control
optional
0, 1, 2, 3, 4 bit
Messaging
optional
0, 2 bit
E[r-1]
Payload Data Region 1
n = 10…24 bit
1bit granularity
D[k-1]
D2
D1
D0
A[n-3]
D[k-2]
D[k-3]
PSI5 Frame p = 13 .. 33 bit
Payload Data Region 2
(optional)
m = 0…12 bit
1bit granularity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com