Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99SD01-E Datasheet(PDF) 45 Page - STMicroelectronics

Part # L99SD01-E
Description  Integrated solenoid driver for automotive applications
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99SD01-E Datasheet(HTML) 45 Page - STMicroelectronics

Back Button L99SD01-E Datasheet HTML 38Page - STMicroelectronics L99SD01-E Datasheet HTML 39Page - STMicroelectronics L99SD01-E Datasheet HTML 40Page - STMicroelectronics L99SD01-E Datasheet HTML 41Page - STMicroelectronics L99SD01-E Datasheet HTML 42Page - STMicroelectronics L99SD01-E Datasheet HTML 43Page - STMicroelectronics L99SD01-E Datasheet HTML 44Page - STMicroelectronics L99SD01-E Datasheet HTML 45Page - STMicroelectronics L99SD01-E Datasheet HTML 46Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 45 / 46 page
background image
DocID022573 Rev 5
45/46
L99SD01-E
Revision history
45
11
Revision history
Table 32. Document revision history
Date
Revision
Changes
05-Dec-2011
1
Initial release
12-Sep-2013
2
Table 2: Pin description:
– SCL: updated description
Updated Section 4.1: SDA and SCL signals
Added Chapter 5: Register description
Table 5: Absolute maximum rating:
–ILOAD, IR(LOAD): updated value
– EC: deleted rows
–EAS, EREP1, EREP2: added rows
Updated Table 6: Thermal data
Table 18: Current sense comparator:
–VIOFF_PWMCOMP: updated min value
Table 20: S1 protections and diagnostic:
–IOL: added test condition and values
Table 22: IPEAK, IHOLD (-40 °C < Tj < 150 °C, unless otherwise
specified):
–IPEAK, IHOLD: added test condition and values
Table 23: Charge pump:
– added note
–ICP1, ICP2: added rows
Table 24: I2C-bus SDA, SCL I/O stages:
–IOL: removed test condition
–tOFF: updated parameter, removed test condition and min value
Table 25: I2C-bus SDA, SCL bus lines characteristics:
–fSCL, tHD;STA, tLOW, tHIGH, tSU;STA, tHD;DAT, tSU;DAT, tr, tf, tSU;STO,
tBUF, Cb, tVD;DAT, tVD;ACK: updated values
Added Table 26: Electrical transient requirements (part 1),
Table 27: Electrical transient requirements (part 2) and
Table 28: Electrical transient requirements (part 3)
Added Chapter 9: Package and PCB thermal data
18-Sep-2013
3
Updated disclaimer.
11-Apr-2014
4
Updated document title.
18-Dec-2014
5
Updated document title, Features and Description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com