Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99SD01-E Datasheet(PDF) 21 Page - STMicroelectronics

Part # L99SD01-E
Description  Integrated solenoid driver for automotive applications
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99SD01-E Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L99SD01-E Datasheet HTML 17Page - STMicroelectronics L99SD01-E Datasheet HTML 18Page - STMicroelectronics L99SD01-E Datasheet HTML 19Page - STMicroelectronics L99SD01-E Datasheet HTML 20Page - STMicroelectronics L99SD01-E Datasheet HTML 21Page - STMicroelectronics L99SD01-E Datasheet HTML 22Page - STMicroelectronics L99SD01-E Datasheet HTML 23Page - STMicroelectronics L99SD01-E Datasheet HTML 24Page - STMicroelectronics L99SD01-E Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
DocID022573 Rev 5
21/46
L99SD01-E
I2C protocol description
45
4.8
Read operation
READ command in L99SD01-E is used to read data contained into volatile memory. There
are essentially two different Read operation modes: Current Read and Random Read.
In Random READ mode a dummy write is first performed to load the address into the
address counter, then without sending a STOP condition, the Master sends another START
condition, and repeats the slave address, with the R/W bit set to ‘1’ (READ). At this point
slave acknowledges and starts sending data output from the addressed register. One or
more bytes can be sent to master. L99SD01-E stops sending data when it receives a NACK
signal from master. At this point master can decide to stop transmission by sending a STOP
condition or to generate a repeated START condition to start communication with another
slave. At the end of communication internal address counter is incremented automatically,
to point to the next byte address after the last one that was read.
In Current READ mode, following a START condition, the master sends a slave address
with a R/W bit set to ‘1’. At this point slave acknowledges and starts sending data output
from the register addressed by the internal counter. One or more bytes can be sent to
master. L99SD01-E stops sending data when it receives a NACK signal from master. At this
point master can decide to stop transmission by sending a STOP condition or to generate a
repeated START condition to start communication with another slave.
Figure 17. Current READ command
A
S
SLAVE ADDRESS
R/W
A
A
DATA
P
From master to slave
From slave to master
A = acknowledge (SDA LOW)
A = not acknowledge (SDA HIGH)
S = START condition
P = STOP condition
‘1’ (read)
Example: Read two registers values for L99SD01-E with enable chip = 1. Internal register counter is pointing to register 7 (0:7)
S
0 1 0 1 0 0 1
1
A
Phase1 time max
A
P
Ipeak current
DATA
A
DATA
After read operation internal register counter is pointing to register 1
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com