Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99UDL01 Datasheet(PDF) 80 Page - STMicroelectronics

Part # L99UDL01
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button L99UDL01_V01 Datasheet HTML 76Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 77Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 78Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 79Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 80Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 81Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 82Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 83Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 88 page
background image
Programmers guide
L99UDL01
80/88
DS12511 Rev 5
At turn on, there is an additional programmable VDS fault blanking time (EXTx_VDtx). In
this case, starting from a turn on command, the delay includes the VDS fault filter time plus
the programmed blanking time (i.e. tVDS_FILTER + EXTx_VDtx).
DOSx / DOS_EXTx
The Dynamic output state bits provide the state of the output either above or below a
threshold (VOUT_th). The outputs are examined at the falling edge of CSN. If the output is
above VOUT_th the bit is set. If the output is below VOUT_th the bit is reset. This is a dynamic
condition. If the output is being PWMmed then the bit may be set or reset depending on
when during the PWM duty cycle the CSN pin went low.
The advantage of this feedback is for off-state diagnosis in conjunction with the weak pull-
up/down currents. Between these two features the quality of the load (short to battery, short
to ground, open circuit) can be determined before an output is enabled.
STATx
The device status bits tell of the actuation status of the device. There are 4 states. These
only apply to outputs being controlled by the state machine and not being overridden
(Output Override). Overridden outputs are not considered with respect to the status bits.
Ready: The device is in inactive state ready for use
Actuating: The device is in the process of actuation but has not entered Braking mode
Braking: The device has finished actuating and is now braking.
Complete: The device has completed actuation and braking modes. Status bits remain
at “Complete” until a read and clear command is sent and status is reset to Ready. It
should be noted that when the indefinite braking duration is selected (tOFF_x=[1;1]) the
“Complete” status will appear 100 ms after dynamic braking has started.
Table 55. EXT output status register
Output diagnostic
EXTFx_1
EXTFx_0
Diagnostic
0
0
No Fault
0
1
LSD VDS Fault
1
0
HSD VDS Fault
1
1
Not used
Table 56. Device status bits
Status bits
STAT1
STAT0
Mode
0
0
Ready
01
Actuating
10
Braking
1
1
Complete



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com