Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L99UDL01 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L99UDL01
Description  L99UDL01 Automotive Universal Door Lock IC
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99UDL01 Datasheet(HTML) 1 Page - STMicroelectronics

  L99UDL01_V01 Datasheet HTML 1Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 2Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 3Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 4Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 5Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 6Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 7Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 8Page - STMicroelectronics L99UDL01_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 88 page
background image
This is information on a product in full production.
October 2020
DS12511 Rev 5
1/88
L99UDL01
L99UDL01 Automotive Universal Door Lock IC
Datasheet
- production data
Features
 AEC-Q100 qualified
 Six integrated fully protected 0.09  half
bridges
 Integrated half bridges can be fully
independent or paralleled up to three in parallel
 Two levels of standby
– Standby (SPI initiated)
– Sleep (VDD=0 V)
 Very low current consumption in standby
– Only wake-up circuit active
 High level of programmability
– On-time duration
– Direction
– Current level
– Off-state fault detection
 2 external half bridge controllers (using
external N-channel MOSFETs or Smart Power
devices)
 External half bridges protected by drain source
monitoring and off-state fault detection
 2 stage charge pump for low voltage operation
 PWM current regulation up to 25 kHz
 4 MHz 24 bit SPI interface for control and
diagnostics
 Output enable for high security
 High level diagnostics
 10 bit digital current feedback (via SPI) for load
integrity check
 Thermal warning and shutdown protection
 Reverse battery protection using an external 
N-Ch MOSFET.
 TQFP64L exposed pad package
Application
The L99UDL01 is designed for use in a central
door lock system driving all of the door lock
actuators. This device is able to adapt to most
central door lock configurations.
Description
The L99UDL01 is a multiple half-bridge IC with 6
integrated outputs that are PWM configurable and
current regulated and up to two externally
configured half bridges for higher current nodes.
The level of diagnostics includes open load, short
to battery, short to ground, and load integrity via
10 bit current feedback.
The L99UDL01 is commanded entirely by SPI
using duration and current level commands.
TQFP64L 10x10
Table 1. Device summary
Package
Order codes
Tray
Tape and reel
TQFP64L
L99UDL01
L99UDL01TR
www.st.com


Similar Part No. - L99UDL01_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L99UDL01 STMICROELECTRONICS-L99UDL01 Datasheet
635Kb / 24P
Automotive universal door lock IC
02-May-2019
More results

Similar Description - L99UDL01_V01

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
FCI-DR-C4B GAMEWELL-FCI-FCI-DR-C4B Datasheet
59Kb / 1P
Door, lock & key
logo
Infineon Technologies A...
TLE8201R INFINEON-TLE8201R Datasheet
598Kb / 45P
Door Module Power IC
Rev. 2.0 2006-06-07
logo
ON Semiconductor
NCV7707 ONSEMI-NCV7707 Datasheet
253Kb / 38P
Door-Module Driver-IC
May, 2014 ??Rev. 2
NCV7710 ONSEMI-NCV7710 Datasheet
208Kb / 21P
Door-Module Driver-IC
January, 2014 ??Rev. P2
NCV7707 ONSEMI-NCV7707_16 Datasheet
259Kb / 38P
Door-Module Driver-IC
September, 2016 ??Rev. 3
NCV7710 ONSEMI-NCV7710_16 Datasheet
240Kb / 22P
Door-Module Driver-IC
April, 2016 ??Rev. 0
NCV7707 ONSEMI-NCV7707_18 Datasheet
313Kb / 38P
Door-Module Driver-IC
March, 2018 ??Rev. 4
logo
STMicroelectronics
L99UDL01 STMICROELECTRONICS-L99UDL01 Datasheet
635Kb / 24P
Automotive universal door lock IC
02-May-2019
logo
ON Semiconductor
NCV7707C ONSEMI-NCV7707C Datasheet
314Kb / 38P
Door-Module Driver-IC
January, 2022 - Rev. 0
logo
Hammond Manufacturing L...
DLRK HAMMOND-DLRK Datasheet
116Kb / 2P
Door Lock Replacement Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com