Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CB45000 Datasheet(PDF) 1 Page - STMicroelectronics

Part # CB45000
Description  HCMOS6 STANDARD CELLS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CB45000 Datasheet(HTML) 1 Page - STMicroelectronics

  CB45000 Datasheet HTML 1Page - STMicroelectronics CB45000 Datasheet HTML 2Page - STMicroelectronics CB45000 Datasheet HTML 3Page - STMicroelectronics CB45000 Datasheet HTML 4Page - STMicroelectronics CB45000 Datasheet HTML 5Page - STMicroelectronics CB45000 Datasheet HTML 6Page - STMicroelectronics CB45000 Datasheet HTML 7Page - STMicroelectronics CB45000 Datasheet HTML 8Page - STMicroelectronics CB45000 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CB45000 SERIES
HCMOS6 STANDARD CELLS
March 1998
1/16
®
FEATURES
s
0.35 micron 5 layer metal HCMOS6 process,
retrograde well technology, low resistance
salicided active areas and polysilicide gates.
s
3.3 V optimized transistor with 5 V I/O inter-
face capability
s
2 - input NAND delay of 160 ps (typ) with
fanout = 2.
s
Broad I/O functionality including Low Voltage
CMOS, Low Voltage TTL and LVDS. Driving
capability to ISA, EISA, PCI, MCA, and SCSI
interface levels
s
High drive I/O; capability of sinking up to 24
mA with slew rate control, current spike sup-
pression and impedance matching.
s
Generators to support Single Port RAM,
Dual Port RAM, and ROM with BIST options.
s
DRAM integration in ASIC methodology
s
Extensive embedded function library includ-
ing ST DSP and micro cores, third party
micros and Synopsys synthetic libraries.
s
Fully independent power and ground config-
urations for inputs, core and outputs.
s
I/O ring capability up to 1000 pads.
s
Latchup trigger current > +/- 500 mA.
ESD protection > +/- 4000 volts typical value
s
Oscillators for wide frequency spectrum.
s
Broad range of 500+ SSI cells
s
Design For Test features including IEEE
1149.1 JTAG Boundary Scan architecture.
s
Cadence,
Mentor
and
Synopsys
based
design systems with interfaces from multiple
workstations.
s
Broad ceramic and plastic package range.
CB45000 Super-Integration
Cost Effective Product
s
Architecture Partitioning
s
Trouble free integration
s
Application Specific
Your Product is Unique
s
User specified cell integration
s
Design Confidentiality
s
IP fully re-usable
DSP
ST20
DPRAM
ROM


Similar Part No. - CB45000

ManufacturerPart #DatasheetDescription
logo
SAMWHA ELECTRIC
CB4516UM600 SAMWHA-CB4516UM600 Datasheet
366Kb / 8P
Ultra Power Line Series
CB4532UK121 SAMWHA-CB4532UK121 Datasheet
366Kb / 8P
Ultra Power Line Series
CB4532UK401 SAMWHA-CB4532UK401 Datasheet
366Kb / 8P
Ultra Power Line Series
More results

Similar Description - CB45000

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CB35000 STMICROELECTRONICS-CB35000 Datasheet
166Kb / 16P
HCMOS STANDARD CELLS
Jul-1995
logo
ATMEL Corporation
ATC18RHA ATMEL-ATC18RHA_14 Datasheet
164Kb / 16P
Comprehensive Library of Standard Logic and I/O Cells
logo
CSB Battery Co., Ltd.
GP121000 CSB-BATTERY-GP121000_16 Datasheet
719Kb / 2P
Cells Per Unit 6 Cells Per Unit 6
logo
Eaton All Rights Reserv...
B0510-2R5224-R EATON-B0510-2R5224-R Datasheet
364Kb / 3P
Cylindrical cells
HB0820-2R5305-R EATON-HB0820-2R5305-R Datasheet
426Kb / 5P
Cylindrical cells
HV0810-2R7105-R EATON-HV0810-2R7105-R Datasheet
458Kb / 5P
Cylindrical cells
KR-5R5V104-R EATON-KR-5R5V104-R Datasheet
643Kb / 5P
Coin cells
KW-5R5C104-R EATON-KW-5R5C104-R Datasheet
440Kb / 4P
Coin cells
M0810-2R5105-R EATON-M0810-2R5105-R Datasheet
347Kb / 3P
Cylindrical cells
TV1020-3R0605-R EATON-TV1020-3R0605-R Datasheet
494Kb / 5P
Cylindrical cells
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com