Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CB45000 Datasheet(PDF) 5 Page - STMicroelectronics

Part # CB45000
Description  HCMOS6 STANDARD CELLS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CB45000 Datasheet(HTML) 5 Page - STMicroelectronics

  CB45000 Datasheet HTML 1Page - STMicroelectronics CB45000 Datasheet HTML 2Page - STMicroelectronics CB45000 Datasheet HTML 3Page - STMicroelectronics CB45000 Datasheet HTML 4Page - STMicroelectronics CB45000 Datasheet HTML 5Page - STMicroelectronics CB45000 Datasheet HTML 6Page - STMicroelectronics CB45000 Datasheet HTML 7Page - STMicroelectronics CB45000 Datasheet HTML 8Page - STMicroelectronics CB45000 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5/16
CB45000 SERIES
®
I/O BUFFER LIBRARY
The CB45000 does not use traditional I/O cell
design; SGS-THOMSON was one of the pioneers
of the emerging “Flexible I/O” approach and the
CB45000 features variable bonding and a flexible
output transistor scheme based on a predefined
set of I/O transistor subcells.
These subcells can be quickly configured using
metallization layers to conform to a variety of I/O
specifications whilst maintaining optimal ESD
protection
levels
and
latch-up
prevention
characteristics.
The I/O circuitry also includes subcells of
specialized transistors that are used to form the
slew rate control sections of each I/O line.
Current spike suppression logic ensures that
conducting transistors are turned off before the
opposing set are turned on.
The bond pad itself is variable in terms of pitch
and size and even supports staggered bonding
methodologies.
This
is
becoming
far
more
Table 2 Voltage Multipliers
VDD
KV
2.7
1.20
3.0
1.11
3.3
1.00
3.6
0.94
Figure 3
Flexible IO Buffer Technology
OUTPUT
DRIVE
TRANSISTORS
LOGIC CIRCUITS
TEST INTERFACE
SLEW CONTROL
DIE CORE
GUARDRING
EDGE OF DIE
DIODES
ESD CLAMP
STRUCTURES
OUTPUT
DRIVE
TRANSISTORS
LOGIC CIRCUITS
TEST INTERFACE
SLEW CONTROL
DIODES
ESD CLAMP
STRUCTURES
OUTPUT
DRIVE
TRANSISTORS
LOGIC CIRCUITS
TEST INTERFACE
SLEW CONTROL
DIODES
ESD CLAMP
STRUCTURES
OUTPUT
DRIVE
TRANSISTORS
LOGIC CIRCUITS
TEST INTERFACE
SLEW CONTROL
DIODES
ESD CLAMP
STRUCTURES
OUTPUT
DRIVE
TRANSISTORS
LOGIC CIRCUITS
TEST INTERFACE
SLEW CONTROL
DIODES
ESD CLAMP
STRUCTURES
OUTPUT
DRIVE
TRANSISTORS
LOGIC CIRCUITS
TEST INTERFACE
SLEW CONTROL
DIODES
ESD CLAMP
STRUCTURES
GUARDRING
EDGE OF DIE
Programmable pad locations allows
one IO cell library to be used for both
staggered and linear bonding.
DIE CORE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com