Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1190RGVR Datasheet(PDF) 6 Page - Texas Instruments

Part # CC1190RGVR
Description  850 – 950 MHz RF Front End
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1190RGVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button CC1190RGVR Datasheet HTML 2Page - Texas Instruments CC1190RGVR Datasheet HTML 3Page - Texas Instruments CC1190RGVR Datasheet HTML 4Page - Texas Instruments CC1190RGVR Datasheet HTML 5Page - Texas Instruments CC1190RGVR Datasheet HTML 6Page - Texas Instruments CC1190RGVR Datasheet HTML 7Page - Texas Instruments CC1190RGVR Datasheet HTML 8Page - Texas Instruments CC1190RGVR Datasheet HTML 9Page - Texas Instruments CC1190RGVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Frequency-MHz
11.5
10.9
10.5
10.7
870
NF
11.7
11.3
11.1
3.05
2.90
2.80
2.85
3.10
3.00
2.95
850
880
910
860
890
930
900
940 950
920
GAIN
Temperature- C
o
-5.2
-5.8
-6.6
-6
-20
-5
-5.4
-5.6
12.0
10.5
12.5
11.5
11.0
-40
-10
20
-30
0
60
10
80
90
50
-6.2
-6.4
30 40
70
HGMGAIN
LGMGAIN
SupplyVoltage-V
2
2.4
2.8
2.2
2.6
3.6
3.2
3
3.4
11.2
11.3
11.4
11.5
11.6
11.7
11.8
11.9
12.0
-6.2
-6.15
-6.1
-6.05
-6
-5.95
-5.9
-5.85
-5.8
HGMGAIN
LGMGAIN
Frequency(850MHzto950MHz)
-20
-10
0
10
20
30
40
50
60
-40
-35
-30
-25
-20
-15
-10
-5
0
5
Pin-dBm
0
50
100
150
200
250
300
350
400
POUT
PAE
I_VDD
20
25
30
35
40
45
50
55
60
850
860
870
880 890
900
910
920
930
950
Frequency-MHz
200
220
240
260
280
300
320
340
360
PAE
940
I_VDD
POUT
CC1190
SWRS089 A – NOVEMBER 2009 – REVISED FEBRUARY 2010
www.ti.com
TYPICAL CHARACTERISTICS
TC = 25°C, VDD = 3 V, fRF = 915 MHz (unless otherwise noted). Measured on CC1190EM reference design including external
matching components optimized for 915 MHz operation.
Figure 2. LNA Gain and Noise Figure vs Operating Frequency
Figure 3. LNA Gain vs Temperature
SPACER
Figure 4. LNA Gain vs Supply Voltage
Figure 5. Input Impedance of LNA Measured from Antenna Port
on CC1190EM (RX Active)
Figure 6. PA Output Power, PAE and Current Consumption
Figure 7. PA Output Power, PAE and Current Consumption
vs Input Power
vs Operating Frequency at 5 dBm Input Power
6
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s) :CC1190



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com