Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1190RGVR Datasheet(PDF) 8 Page - Texas Instruments

Part # CC1190RGVR
Description  850 – 950 MHz RF Front End
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1190RGVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button CC1190RGVR Datasheet HTML 4Page - Texas Instruments CC1190RGVR Datasheet HTML 5Page - Texas Instruments CC1190RGVR Datasheet HTML 6Page - Texas Instruments CC1190RGVR Datasheet HTML 7Page - Texas Instruments CC1190RGVR Datasheet HTML 8Page - Texas Instruments CC1190RGVR Datasheet HTML 9Page - Texas Instruments CC1190RGVR Datasheet HTML 10Page - Texas Instruments CC1190RGVR Datasheet HTML 11Page - Texas Instruments CC1190RGVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
CC102X
Connected to
VDD/ GND/ MCU
RF_OUT
PA_EN
LNA_EN
RF__IN
SAW
CC1190
VDD
PA_EN
LNA_EN
HGM
TR_SW
LNA_OUT
PA_OUT
PA_IN
LNA_IN
CC1190
SWRS089 A – NOVEMBER 2009 – REVISED FEBRUARY 2010
www.ti.com
INTERFACE AND CONTROL
Controlling the Output Power from CC1190
The output power of CC1190 is controlled by controlling the input power. The CC1190 PA is designed to work in
compression (class AB), and the best efficiency is reached when a strong input signal is applied. The output
power can be reduced by setting the pin HGM low. If a reduced maximum output power is wanted, the
impedance seen by the PA should be increased, thus increasing the PA efficiency by changing the output
matching network.
Input Levels on Control Pins
The three digital control pins (PA_EN, LNA_EN, HGM) have built-in level-shifting functionality, meaning that if
CC1190 is operating from a 3.6 V supply voltage, the control pins will still sense 1.6 - 1.8 V signals as logical '1'.
An example of the above is that PA_EN is connected directly to the PA_EN pin on CC110x, but the global supply
voltage is 3.6 V. The PA_EN pin on CC110x will switch between 0 V (RX) and 1.8 V (TX), and this is still a high
enough voltage to control the operating mode of CC1190.
However, the input voltages should not have logical '1' level that is higher than the supply.
Connecting CC1190 to a CC102X Device
Table 2. Control Logic for Connecting CC1190 to a CC102X Device
PA_EN
LNA_EN
HGM
Mode Of Operation
0
0
don't care
Power Down
0
1
0
RX Low Gain Mode
0
1
1
RX High Gain Mode
1
0
0
TX Low Gain Mode
1
0
1
TX High Gain Mode
Figure 11. CC1190 + CC102X Application Circuit
8
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s) :CC1190



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com