Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD87331Q3DT Datasheet(PDF) 18 Page - Texas Instruments

Part # CSD87331Q3DT
Description  CSD87331Q3D Synchronous Buck NexFET™ Power Block
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD87331Q3DT Datasheet(HTML) 18 Page - Texas Instruments

Back Button CSD87331Q3DT Datasheet HTML 14Page - Texas Instruments CSD87331Q3DT Datasheet HTML 15Page - Texas Instruments CSD87331Q3DT Datasheet HTML 16Page - Texas Instruments CSD87331Q3DT Datasheet HTML 17Page - Texas Instruments CSD87331Q3DT Datasheet HTML 18Page - Texas Instruments CSD87331Q3DT Datasheet HTML 19Page - Texas Instruments CSD87331Q3DT Datasheet HTML 20Page - Texas Instruments CSD87331Q3DT Datasheet HTML 21Page - Texas Instruments CSD87331Q3DT Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
M0192-01
E1
E
q
L
d1
d2
K
b
d3
L
e
A
E2
D2
TopView
BottomView
SideView
9
q
c1
D1
d
c
Exposedtieclipsmayvary
Pinout
Position
Designation
Pin1
V
IN
Pin2
V
IN
Pin3
T
G
Pin4
T
GR
Pin5
B
G
Pin6
V
SW
Pin7
V
SW
Pin8
V
SW
Pin9
P
GND
18
CSD87331Q3D
SLPS283B – SEPTEMBER 2011 – REVISED FEBRUARY 2017
www.ti.com
Product Folder Links: CSD87331Q3D
Submit Documentation Feedback
Copyright © 2011–2017, Texas Instruments Incorporated
9 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
9.1 Q3D Package Dimensions
DIM
MILLIMETERS
INCHES
MIN
MAX
MIN
MAX
A
1.400
1.500
0.055
0.059
b
0.280
0.400
0.011
0.016
c
0.150
0.250
0.006
0.010
c1
0.150
0.250
0.006
0.010
d
0.940
1.040
0.037
0.041
d1
0.160
0.260
0.006
0.010
d2
0.150
0.250
0.006
0.010
d3
0.250
0.350
0.010
0.014
D1
3.200
3.400
0.126
0.134
D2
2.650
2.750
0.104
0.108
E
3.200
3.400
0.126
0.134
E1
3.200
3.400
0.126
0.134
E2
1.750
1.850
0.069
0.073
e
0.650 TYP
0.026 TYP
L
0.400
0.500
0.016
0.020
θ
0.000
—
—
—
K
0.300 TYP
0.012 TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com