Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD87331Q3DT Datasheet(PDF) 24 Page - Texas Instruments

Part # CSD87331Q3DT
Description  CSD87331Q3D Synchronous Buck NexFET™ Power Block
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD87331Q3DT Datasheet(HTML) 24 Page - Texas Instruments

Back Button CSD87331Q3DT Datasheet HTML 19Page - Texas Instruments CSD87331Q3DT Datasheet HTML 20Page - Texas Instruments CSD87331Q3DT Datasheet HTML 21Page - Texas Instruments CSD87331Q3DT Datasheet HTML 22Page - Texas Instruments CSD87331Q3DT Datasheet HTML 23Page - Texas Instruments CSD87331Q3DT Datasheet HTML 24Page - Texas Instruments CSD87331Q3DT Datasheet HTML 25Page - Texas Instruments CSD87331Q3DT Datasheet HTML 26Page - Texas Instruments CSD87331Q3DT Datasheet HTML 27Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
www.ti.com
PACKAGE OUTLINE
C
8X
0.40
0.28
2.7 0.1
8X
0.5
0.4
2X
1.95
1.8 0.1
6X 0.65
1.55
1.45
0.05
0.00
0.32
0.12
B
3.4
3.2
A
3.4
3.2
(0.2) TYP
4X (0.2)
2X (0.98)
LSON-CLIP - 1.55 mm max height
DQZ0008A
PLASTIC SMALL OUTLINE - NO LEAD
4229809/A 07/2023
PIN 1 INDEX AREA
SEATING PLANE
0.08 C
1
4
5
8
0.1
C A B
0.05
C
EXPOSED
THERMAL PAD
9
SYMM
SYMM
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
SCALE 3.600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com