| Electronic Components Datasheet Search |
|
DAC8554IPW Datasheet(PDF) 23 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DAC8554IPW Datasheet(HTML) 23 Page - Texas Instruments |
|
23 / 34 page ![]() www.ti.com APPLICATION INFORMATION CURRENT CONSUMPTION OUTPUT VOLTAGE STABILITY DRIVING RESISTIVE AND CAPACITIVE SETTLING TIME AND OUTPUT GLITCH CROSSTALK AND AC PERFORMANCE DIFFERENTIAL AND INTEGRAL DAC8554 SLAS431B – JUNE 2005 – REVISED OCTOBER 2006 In addition, the DAC8554 can achieve typical ac performance of 96dB signal-to-noise ratio (SNR) and 85dB total harmonic distortion (THD), making the The DAC8554 typically consumes a maximum of DAC8554 a solid choice for applications requiring 208 µA at AV DD = 5V and 180µA at AVDD = 3V for high SNR at output frequencies at or below 10kHz. each active channel, including reference current consumption. Additional current consumption can occur at the digital inputs if VIH << IOVDD. For most efficient power operation, CMOS logic levels are The DAC8554 exhibits excellent temperature stability recommended at the digital inputs to the DAC. of 5ppm/ °C typical output voltage drift over the In power-down mode, typical current consumption is specified temperature range of the device. This 175nA per channel. A delay time of 10ms to 20ms stability enables the output voltage of each channel after a power-down command is issued to the DAC to stay within a ±25µV window for a ±1°C ambient is typically sufficient for the power-down current to temperature change. drop below 10 µA. Good power-supply rejection ratio (PSRR) performance reduces supply noise present on AVDD from appearing at the outputs to well below 10 µV-s. LOADS Combined with good dc noise performance and true 16-bit differential linearity, the DAC8554 becomes a The DAC8554 output stage is capable of driving perfect choice for closed-loop control applications. loads of up to 1000pF while remaining stable. Within the offset and gain error margins, the DAC8554 can operate rail-to-rail when driving a capacitive load. Resistive loads of 2k Ω can be driven by the PERFORMANCE DAC8554 while achieving good load regulation. The DAC8554 settles to ±0.003% of its full-scale When the outputs of the DAC are driven to the range within 10 µs, driving a 200pF 2kΩ load. For positive rail under resistive loading, the PMOS good settling performance, the outputs should not transistor of each Class-AB output stage can enter approach the top and bottom rails. Small signal into the linear region. When this scenario occurs, the settling time is under 1 µs, enabling data update rates added IR voltage drop deteriorates the linearity exceeding 1MSPS for small code changes. performance of the DAC. This deterioration only occurs within approximately the top 100mV of the Many applications are sensitive to undesired DAC output voltage characteristic. Under resistive transient signals such as glitch. The DAC8554 has a loading conditions, good linearity is preserved as proprietary, ultra-low glitch architecture addressing long as the output voltage is at least 100mV below such applications. Code-to-code glitches rarely the AVDD voltage. exceed 1mV and they last under 0.3 µs. Typical glitch energy is an outstanding 0.15nV-s. Theoretical worst-case glitch should occur during a 256LSB step, but it is so low, it cannot be detected. The DAC8554 architecture uses separate resistor strings for each DAC channel in order to achieve ultra-low crosstalk performance. dc crosstalk seen at NONLINEARITY one channel during a full-scale change on the neighboring channel is typically less than 0.5LSBs. The DAC8554 uses precision thin film resistors to The ac crosstalk measured (for a full-scale, 1kHz achieve monotonicity and good linearity. Typical sine wave output generated at one channel, and linearity error is ±4LSBs, with a ±0.3mV error for a measured at the remaining output channel) is 5V range. Differential linearity is typically ±0.25LSBs, typically under –100dB. with a ±19µV error for a consecutive code change. 23 Submit Documentation Feedback |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |