Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8554IPW Datasheet(PDF) 1 Page - Texas Instruments

Part # DAC8554IPW
Description  16-BIT, QUAD-CHANNEL, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8554IPW Datasheet(HTML) 1 Page - Texas Instruments

  DAC8554IPW Datasheet HTML 1Page - Texas Instruments DAC8554IPW Datasheet HTML 2Page - Texas Instruments DAC8554IPW Datasheet HTML 3Page - Texas Instruments DAC8554IPW Datasheet HTML 4Page - Texas Instruments DAC8554IPW Datasheet HTML 5Page - Texas Instruments DAC8554IPW Datasheet HTML 6Page - Texas Instruments DAC8554IPW Datasheet HTML 7Page - Texas Instruments DAC8554IPW Datasheet HTML 8Page - Texas Instruments DAC8554IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
BurrBrown Products
from Texas Instruments
DAC8554
FEATURES
DESCRIPTION
APPLICATIONS
Data
BufferA
Buffer
Control
18
8
Power-Down
ControlLogic
Resistor
Network
ENABLE
SYNC
LDAC
DAC
RegisterA
DACA
Data
BufferD
DAC
RegisterD
DACD
Register
Control
24-Bit
Serial-to-Parallel
ShiftRegister
SCLK
DIN
V
L
REF
V
H
REF
AVDD
IOVDD
V
A
OUT
V
B
OUT
V
C
OUT
V
D
OUT
A1
A0
DAC8554
SLAS431B – JUNE 2005 – REVISED OCTOBER 2006
16-BIT, QUAD-CHANNEL, ULTRA-LOW GLITCH, VOLTAGE OUTPUT
DIGITAL-TO-ANALOG CONVERTER
• Relative Accuracy: 4LSB
The DAC8554 is a 16-bit, quad-channel, voltage
output, digital-to-analog converter (DAC), offering
• Glitch Energy: 0.15nV-s
low-power operation and a flexible serial host
• MicroPower Operation:
interface. It offers monotonicity, good linearity, and
150
µA per channel at 2.7V
exceptionally low glitch. Each on-chip precision
• Power-On Reset to Zero-Scale
output amplifier allows rail-to-rail output swing to be
achieved over the supply range of 2.7V to 5.5V. The
• Power Supply: +2.7V to +5.5V
device supports a standard 3-wire serial interface
• 16-Bit Monotonic Over Temperature
capable
of
operating
with
input
data
clock
• Settling Time: 10µs to ±0.003% FSR
frequencies up to 50MHz for IOVDD = 5V.
• Ultra-Low AC Crosstalk: –100dB Typ
The DAC8554 requires an external reference voltage
• Low Power SPI™ Compatible Serial Interface
to set the output range of each DAC channel. Also
with Schmitt-Triggered Inputs: Up to 50MHz
incorporated into the device is a power-on reset
circuit which ensures that the DAC outputs power up
• On-Chip Output Buffer Amplifier with
at zero-scale and remain there until a valid write
Rail-to-Rail Operation
takes place. The DAC8554 provides a per channel
• Double Buffered Input Architecture
power-down
feature,
accessed
over
the
serial
• Simultaneous or Sequential Output Update
interface, that reduces the current consumption to
and Power-Down
175nA per channel at 5V.
• 16-Channel Broadcast Capability
The low-power consumption of this device in normal
operation
makes
it
ideally
suited
to
portable
• 1.8V to 5.5V Logic Compatibility
battery-operated equipment and other low-power
• Available in a TSSOP-16 Package
applications. The power consumption is 4.25mW at
5V, reducing to 4
µW in power-down mode.
The DAC8554 is available in a TSSOP-16 package
• Portable Instrumentation
with a specified operating temperature range of
• Closed-Loop Servo-Control
–40
°C to +105°C.
• Process Control
FUNCTIONAL BLOCK DIAGRAM
• Data Acquisition Systems
• Programmable Attenuation
• PC Peripherals
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SPI, QSPI are trademarks of Motorola, Inc.
Microwire is a trademark of National Semiconductor.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC8554IPW

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8554IPW BURR-BROWN-DAC8554IPW Datasheet
1Mb / 26P
16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8554IPW TI2-DAC8554IPW Datasheet
1,010Kb / 34P
16-BIT, QUAD-CHANNEL, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
REVISED OCTOBER 2006
DAC8554IPW.A TI2-DAC8554IPW.A Datasheet
1,010Kb / 34P
16-BIT, QUAD-CHANNEL, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
REVISED OCTOBER 2006
logo
Burr-Brown (TI)
DAC8554IPWG4 BURR-BROWN-DAC8554IPWG4 Datasheet
1Mb / 26P
16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8554IPWG4 TI2-DAC8554IPWG4 Datasheet
1,010Kb / 34P
16-BIT, QUAD-CHANNEL, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
REVISED OCTOBER 2006
More results

Similar Description - DAC8554IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8551 TI-DAC8551 Datasheet
1Mb / 22P
16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8550 BURR-BROWN-DAC8550 Datasheet
1Mb / 22P
16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8554 BURR-BROWN-DAC8554 Datasheet
1Mb / 26P
16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8555 BURR-BROWN-DAC8555 Datasheet
1Mb / 27P
16-BIT, QUAD CHANNEL, ULTRALOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC8552 BURR-BROWN-DAC8552 Datasheet
594Kb / 22P
16-BIT, DUAL CHANNEL, ULTRA-LOW GLITCH VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7551-Q1 TI1-DAC7551-Q1 Datasheet
886Kb / 22P
12-Bit, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7564IAPW TI1-DAC7564IAPW Datasheet
1Mb / 51P
12-Bit, Quad Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC8550 TI-DAC8550_15 Datasheet
983Kb / 28P
16-BIT, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7551-Q1 TI1-DAC7551-Q1_15 Datasheet
1Mb / 27P
12-Bit, Ultra-Low Glitch, Voltage Output Digital-to-Analog Converter
DAC8550 TI1-DAC8550_16 Datasheet
1Mb / 31P
16-bit, Ultra-Low Glitch, Voltage Output Digital-To-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com