Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8554IPW.A Datasheet(PDF) 21 Page - Texas Instruments

Part # DAC8554IPW.A
Description  16-BIT, QUAD-CHANNEL, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8554IPW.A Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC8554IPW.A Datasheet HTML 17Page - Texas Instruments DAC8554IPW.A Datasheet HTML 18Page - Texas Instruments DAC8554IPW.A Datasheet HTML 19Page - Texas Instruments DAC8554IPW.A Datasheet HTML 20Page - Texas Instruments DAC8554IPW.A Datasheet HTML 21Page - Texas Instruments DAC8554IPW.A Datasheet HTML 22Page - Texas Instruments DAC8554IPW.A Datasheet HTML 23Page - Texas Instruments DAC8554IPW.A Datasheet HTML 24Page - Texas Instruments DAC8554IPW.A Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
www.ti.com
LDAC FUNCTIONALITY
ENABLE PIN
DAC8554
SLAS431B – JUNE 2005 – REVISED OCTOBER 2006
channels must be loaded with desired data before
LDAC
is
triggered.
After
a
low-to-high
LDAC
The DAC8554 offers both a software and hardware
transition, all DACs are simultaneously updated with
simultaneous
update
function.
The
DAC8554
the contents of the corresponding data buffers. If the
double-buffered architecture has been designed so
contents of a data buffer are not changed by the
that new data can be entered for each DAC without
serial interface, the corresponding DAC output will
disturbing
the
analog
outputs.
The
software
remain unchanged after the LDAC trigger.
simultaneous update capability is controlled by the
load 1 (LD1) and load 0 (LD0) control bits. By setting
load 1 = 1, all of the DAC registers will be updated
on the falling edge of the 24th clock signal. When the
For normal operation, the enable pin must be tied to
new data has been entered into the device, all of the
a logic low. If the enable pin is tied high, the
DAC outputs can be updated simultaneously and
DAC8554 stops listening to the serial port. This
synchronously with the clock.
feature can be useful for applications that share the
same serial port.
DAC8554 data updates are synchronized with the
falling edge of the 24th SCLK cycle, which follows a
falling
edge
of
SYNC.
For
such
synchronous
updates, the LDAC pin is not required and it must be
connected to GND permanently. The LDAC pin is
used as a positive edge triggered timing signal for
asynchronous DAC updates. Data buffers of all
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com