Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8554IPW.A Datasheet(PDF) 7 Page - Texas Instruments

Part # DAC8554IPW.A
Description  16-BIT, QUAD-CHANNEL, ULTRA-LOW GLITCH, VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8554IPW.A Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC8554IPW.A Datasheet HTML 3Page - Texas Instruments DAC8554IPW.A Datasheet HTML 4Page - Texas Instruments DAC8554IPW.A Datasheet HTML 5Page - Texas Instruments DAC8554IPW.A Datasheet HTML 6Page - Texas Instruments DAC8554IPW.A Datasheet HTML 7Page - Texas Instruments DAC8554IPW.A Datasheet HTML 8Page - Texas Instruments DAC8554IPW.A Datasheet HTML 9Page - Texas Instruments DAC8554IPW.A Datasheet HTML 10Page - Texas Instruments DAC8554IPW.A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
www.ti.com
6.0
5.6
5.2
4.8
4.4
4.0
0
10
2
4
6
8
I
(mA)
SOURCE
AV
=5.5V
DD
V
=AV
REF
DD - 10mV
DACLoadedwithFFFFh
2000
1600
1200
800
400
0
5
4
2
3
1
0
V
(V)
LOGIC
T =+25 C,SYNCInput(Allotherinputs=GND)
°
A
CHAPoweredUp(Allotherchannelsinpowerdown)
ReferenceCurrentIncluded
IOV
=AV
DD
DD
REF
=V
=5V
-10
-30
-50
-70
-90
-110
-130
20k
15k
10k
5k
0
Frequency(Hz)
AV
=5V
DD
V
=4.096V
REF
f
=1MSPS
CLK
f
=1kHz
OUT
THD=79dB
SNR=96dB
-40
-50
-60
-70
-80
-90
-100
0
5
1
2
3
4
f
OUT (kHz)
THD
2ndHarmonic
3rdHarmonic
AV
=
5V
DD
V
=
REF
-1dBFSRDigitalInput
f =1MSPS
S
MeasurementBandwidth=20kHz
Time(2 s/div)
m
Rising
Edge
1V/div
AV
=5V,
DD
V
=4.096V,
REF
FromCode:0000
ToCode:FFFF
ZoomedRisingEdge
1mV/div
TriggerPulse:5V/div
Time(2ms/div)
Falling
Edge
1V/div
AV
DD =5V,
V
REF =4.096V,
FromCode:FFFF
ToCode:0000
ZoomedFallingEdge
1mV/div
TriggerPulse:5V/div
DAC8554
SLAS431B – JUNE 2005 – REVISED OCTOBER 2006
TYPICAL CHARACTERISTICS: V
DD = 5V (continued)
At T
A = +25°C, unless otherwise noted.
SUPPLY CURRENT
SOURCE CURRENT CAPABILITY (ALL CHANNELS)
vs LOGIC INPUT VOLTAGE
Figure 7.
Figure 8.
TOTAL HARMONIC DISTORTION
POWER SPECTRAL DENSITY
vs OUTPUT FREQUENCY
Figure 9.
Figure 10.
FULL-SCALE SETTLING TIME: 5V RISING EDGE
FULL-SCALE SETTLING TIME: 5V FALLING EDGE
Figure 11.
Figure 12.
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com