Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC900E/2K5 Datasheet(PDF) 3 Page - Texas Instruments

Part # DAC900E/2K5
Description  10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC900E/2K5 Datasheet(HTML) 3 Page - Texas Instruments

  DAC900E/2K5 Datasheet HTML 1Page - Texas Instruments DAC900E/2K5 Datasheet HTML 2Page - Texas Instruments DAC900E/2K5 Datasheet HTML 3Page - Texas Instruments DAC900E/2K5 Datasheet HTML 4Page - Texas Instruments DAC900E/2K5 Datasheet HTML 5Page - Texas Instruments DAC900E/2K5 Datasheet HTML 6Page - Texas Instruments DAC900E/2K5 Datasheet HTML 7Page - Texas Instruments DAC900E/2K5 Datasheet HTML 8Page - Texas Instruments DAC900E/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
DAC900
3
SBAS093B
ELECTRICAL CHARACTERISTICS (Cont.)
At TA = +25°C, +VA = +5V, +VD = +5V, differential transformer coupled output, 50Ω doubly terminated, unless otherwise specified.
DAC900U/E
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DYNAMIC PERFORMANCE (Cont.)
Output Rise Time(2)
10% to 90%
2
ns
Output Fall Time(2)
10% to 90%
2
ns
Glitch Impulse
3pV-s
DC-ACCURACY
Full-Scale Output Range(3)(FSR)
All Bits High, IOUT
2.0
20.0
mA
Output Compliance Range
–1.0
+1.25
V
Gain Error
With Internal Reference
–10
±1
+10
%FSR
Gain Error
With External Reference
–10
±2
+10
%FSR
Gain Drift
With Internal Reference
±120
ppmFSR/
°C
Offset Error
With Internal Reference
–0.025
+0.025
%FSR
Offset Drift
With Internal Reference
±0.1
ppmFSR/
°C
Power-Supply Rejection, +VA
–0.2
+0.2
%FSR/V
Power-Supply Rejection, +VD
–0.025
+0.025
%FSR/V
Output Noise
IOUT = 20mA, RLOAD = 50Ω
50
pA/
√Hz
Output Resistance
200
k
Ω
Output Capacitance
IOUT, IOUT to Ground
12
pF
REFERENCE
Reference Voltage
+1.24
V
Reference Tolerance
±10
%
Reference Voltage Drift
±50
ppmFSR/
°C
Reference Output Current
10
µA
Reference Input Resistance
1M
Ω
Reference Input Compliance Range
0.1
1.25
V
Reference Small-Signal Bandwidth(4)
1.3
MHz
DIGITAL INPUTS
Logic Coding
Straight Binary
Latch Command
Rising Edge of Clock
Logic High Voltage, VIH
+VD = +5V
3.5
5
V
Logic Low Voltage, VIL
+VD = +5V
0
1.2
V
Logic High Voltage, VIH
+VD = +3V
2
3
V
Logic Low Voltage, VIL
+VD = +3V
0
0.8
V
Logic High Current, IIH(5)
+VD = +5V
±20
µA
Logic Low Current, IIL
+VD = +5V
±20
µA
Input Capacitance
5pF
POWER SUPPLY
Supply Voltages
+VA
+2.7
+5
+5.5
V
+VD
+2.7
+5
+5.5
V
Supply Current(6)
IVA
24
30
mA
IVA, Power-Down Mode
1.1
2
mA
IVD
815
mA
Power Dissipation
+5V, IOUT = 20mA
170
230
mW
+3V, IOUT = 2mA
50
mW
Power Dissipation, Power-Down Mode
45
mW
Thermal Resistance,
θ
JA
SO-28
75
°C/W
TSSOP-28
50
°C/W
NOTES: (1) At output IOUT, while driving a virtual ground. (2) Measured single-ended into 50Ω Load. (3) Nominal full-scale output current is 32x IREF; see Application
Section for details. (4) Reference bandwidth depends on size of external capacitor at the BW pin and signal level. (5) Typically 45
µA for the PD pin, which has an
internal pull-down resistor. (6) Measured at fCLOCK = 50MSPS and fOUT = 1.0MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com