Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC900E/2K5 Datasheet(PDF) 8 Page - Texas Instruments

Part # DAC900E/2K5
Description  10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC900E/2K5 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DAC900E/2K5 Datasheet HTML 4Page - Texas Instruments DAC900E/2K5 Datasheet HTML 5Page - Texas Instruments DAC900E/2K5 Datasheet HTML 6Page - Texas Instruments DAC900E/2K5 Datasheet HTML 7Page - Texas Instruments DAC900E/2K5 Datasheet HTML 8Page - Texas Instruments DAC900E/2K5 Datasheet HTML 9Page - Texas Instruments DAC900E/2K5 Datasheet HTML 10Page - Texas Instruments DAC900E/2K5 Datasheet HTML 11Page - Texas Instruments DAC900E/2K5 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
DAC900
8
SBAS093B
TYPICAL CHARACTERISTICS: VD = VA = +5V (Cont.)
At TA = +25°C, Differential IOUT = 20mA, 50Ω double-terminated load, SFDR up to Nyquist, unless otherwise specified.
DUAL-TONE OUTPUT SPECTRUM
Frequency (MHz)
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
5
1015
20
25
3035
40
45
50
f
CLOCK = 100MSPS
f
OUT1 = 13.5MHz
f
OUT2 = 14.5MHz
SFDR = 60dBc
Amplitude = 0dBFS
FOUR-TONE OUTPUT SPECTRUM
Frequency (MHz)
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
510
15
20
25
f
CLOCK = 50MSPS
f
OUT1 = 6.25MHz
f
OUT2 = 6.75MHz
f
OUT3 = 7.25MHz
f
OUT4 = 7.75MHz
SFDR = 66dBc
Amplitude = 0dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com