Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9826 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9826
Description  Octal protected low-side driver with diagnostic and serial/parallel input control
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9826 Datasheet(HTML) 1 Page - STMicroelectronics

  L9826_V01 Datasheet HTML 1Page - STMicroelectronics L9826_V01 Datasheet HTML 2Page - STMicroelectronics L9826_V01 Datasheet HTML 3Page - STMicroelectronics L9826_V01 Datasheet HTML 4Page - STMicroelectronics L9826_V01 Datasheet HTML 5Page - STMicroelectronics L9826_V01 Datasheet HTML 6Page - STMicroelectronics L9826_V01 Datasheet HTML 7Page - STMicroelectronics L9826_V01 Datasheet HTML 8Page - STMicroelectronics L9826_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
September 2013
Doc ID 7214 Rev 10
1/19
1
L9826
Octal protected low-side driver with diagnostic
and serial/parallel input control
Features
■ 8 channels low side driver with 450 mA output
current capability
■ Typical RDSON 1.5  at TJ = 25 °C
■ Parallel control for output 1 and 2
■ SPI control on all outputs
■ Reset function
■ Diagnostic through 8 bit SPI
■ Intrinsic output voltage clamping 50 V (Typ)
protection for inductive load drive
■ Short circuit current limitation and thermal
shutdown for outputs 1 and 2
■ Overcurrent and short circuit shutdown for
outputs 3 to 8
Description
The L9826 is a protected octal low-side driver IC
designed for the automotive environment.
The 8 -bit serial peripheral interface (SPI) is able
to control the device's eight channels and to
provide its load's diagnosis. In addition output 1
and 2 can also be controlled through dedicated
input pins NON1 and NON2.
Overcurrent and short-circuit protections are
present as well as the output voltage clamping
which is able to protect the L9826 during
operation with inductive loads.
SO20
Table 1.
Device summary
Order code
Package
Packing
L9826
SO20
Tube
L9826TR
SO20
Tape and reel
E-L9826
SO20
Tube
E-L9826TR
SO20
Tape and reel
www.st.com


Similar Part No. - L9826_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9826TR STMICROELECTRONICS-L9826TR Datasheet
246Kb / 17P
Octal Low-Side Driver for Resistive and Inductive Loads with Serial/Parallel Input Control, Output Protection and Diagnostic
Jul-2005
L9826 STMICROELECTRONICS-L9826_05 Datasheet
246Kb / 17P
Octal Low-Side Driver for Resistive and Inductive Loads with Serial/Parallel Input Control, Output Protection and Diagnostic
Jul-2005
More results

Similar Description - L9826_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9823 STMICROELECTRONICS-L9823 Datasheet
168Kb / 12P
Octal Low-Side Driver for bulb, resistive and inductive loads with serial input control, output protection and diagnostic
Apr-2003
L9825 STMICROELECTRONICS-L9825 Datasheet
225Kb / 11P
Octal Low-side Driver For Resistive and Inductive Loads With Serial / Parallel Input Control, Output Protection and Diagnostic
Jul-2001
L9826 STMICROELECTRONICS-L9826 Datasheet
174Kb / 12P
Octal Low-Side Driver for resistive and inductive loads with serial/parallel input control, output protection and diagnostic
Oct-2002
logo
Intersil Corporation
CA3282 INTERSIL-CA3282 Datasheet
65Kb / 10P
Octal Low Side Power Driver with Serial Bus Control
June 1998
HIP0063 INTERSIL-HIP0063 Datasheet
61Kb / 8P
Hex Low Side MOSFET Driver with Serial or Parallel Interface and Diagnostic Fault Control
October 1995
logo
STMicroelectronics
L9825 STMICROELECTRONICS-L9825_03 Datasheet
225Kb / 11P
Octal Low-side Driver For Resistive and Inductive Loads With Serial / Parallel Input Control, Output Protection and Diagnostic
Apr-2003
L9826 STMICROELECTRONICS-L9826_05 Datasheet
246Kb / 17P
Octal Low-Side Driver for Resistive and Inductive Loads with Serial/Parallel Input Control, Output Protection and Diagnostic
Jul-2005
E-L9823 STMICROELECTRONICS-E-L9823 Datasheet
269Kb / 19P
Octal low-side driver for bulb, resistive and inductive loads with serial input control, output protection and diagnostic
13-Apr-2011
L9825TR STMICROELECTRONICS-L9825TR Datasheet
228Kb / 11P
Octal Low-side Driver For Resistive and Inductive Loads With Serial / Parallel Input Control, Output Protection and Diagnostic
Apr-2003
E-L9823013TR STMICROELECTRONICS-E-L9823013TR Datasheet
383Kb / 19P
Octal low-side driver for bulb, resistive and inductive loads with serial input control, output protection and diagnostic
19-Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com