Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9826 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L9826
Description  Octal protected low-side driver with diagnostic and serial/parallel input control
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9826 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L9826_V01 Datasheet HTML 11Page - STMicroelectronics L9826_V01 Datasheet HTML 12Page - STMicroelectronics L9826_V01 Datasheet HTML 13Page - STMicroelectronics L9826_V01 Datasheet HTML 14Page - STMicroelectronics L9826_V01 Datasheet HTML 15Page - STMicroelectronics L9826_V01 Datasheet HTML 16Page - STMicroelectronics L9826_V01 Datasheet HTML 17Page - STMicroelectronics L9826_V01 Datasheet HTML 18Page - STMicroelectronics L9826_V01 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Functional description
L9826
16/19
Doc ID 7214 Rev 10
5.4
Protections
5.4.1
Flyback current
Turning off the low side driver with an inductive load, its output voltage rises due to the
inductor that tries to drive current. This voltage is internally clamped by the flyback circuit at
VCPL value, typical 50V
5.4.2
Current regulation mode outputs 1 and 2
Outputs 1 and 2 which are particularly dedicated for loads with inrush current (as lamps).
When the channel is switched on and the current through the load exceeds the short circuit
limit value (Ilim) for at least tdf time, the corresponding output goes in current regulation
mode.
The output current is determinated by the output characteristic and its voltage depends on
load resistance. In this mode, high power is dissipated in the output stage and its
temperature increases rapidly. When the output stage temperature exceeds the thermal
shutdown (TJSC), the overload latch is set and the corresponding output is switched off.
5.4.3
Short circuits outputs 3 to 8
Outputs 3 to 8 which are dedicated for loads without inrush currents. When the output
current exceeds the short circuit threshold (Isbc) for at least Tscb time, the corresponding
output is switched-off immediately and in the same time, the relative latch store the overload
status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com