Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9907TR Datasheet(PDF) 14 Page - STMicroelectronics

Part # L9907TR
Description  Automotive FET driver for 3 phase BLDC motor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9907TR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L9907TR Datasheet HTML 10Page - STMicroelectronics L9907TR Datasheet HTML 11Page - STMicroelectronics L9907TR Datasheet HTML 12Page - STMicroelectronics L9907TR Datasheet HTML 13Page - STMicroelectronics L9907TR Datasheet HTML 14Page - STMicroelectronics L9907TR Datasheet HTML 15Page - STMicroelectronics L9907TR Datasheet HTML 16Page - STMicroelectronics L9907TR Datasheet HTML 17Page - STMicroelectronics L9907TR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
Functional description
L9907
14/49
DS11800 Rev 5
In order to unlatch also FS_FLAG status a SPI communication with diagnostic frame must
be performed.
2.5.3
Drain source monitoring
To monitor the external MOSFET a Drain Source monitoring for all HS and LS is
implemented. In case the drain source voltage exceeds a certain threshold (e.g. MOSFET
short) during gate ON mode, all drivers will be disabled and the fail will be reported via
FS_FLAG and SPI. In case the ShortPH bit of CMD2 SPI frame would be set to 1 (refer to
SPI mapping, Table 23), the device allows the switching off of the only phase for which the
drain-source short occurred.
2.6
Current Sense Amplifier (CSA)
L9907 is equipped with two SPI-programmable Current Sense Amplifiers to measure the
motor current by converting and amplifying the voltage drop across an external shunt
resistor. A simplified CSA circuit diagram is showed in Figure 6.
Figure 6. CSA simplified circuit diagram
Each CSA can be used for phase (bidirectional) or ground (unidirectional) current
monitoring by properly selecting the output zero-current offset via dedicated bits in the SPI
register CMD0; Off1 for CSA1 and Off2 for CSA2.
VCC
R
OFS
0.25*R
OFS
R
OFS
R
G
R
G
10*R
G
10*R
G
30*R
G
50*R
G
100*R
G
30*R
G
50*R
G
100*R
G
S
G1
S
OFS1
S
OFS2
S
G2
S
G3
S
G4
S
G1
S
G2
S
G3
S
G4
I
Sx-
I
Sx+
I
Bx
V
Isx+
-V
Isx-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com