Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9907TR Datasheet(PDF) 26 Page - STMicroelectronics

Part # L9907TR
Description  Automotive FET driver for 3 phase BLDC motor
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9907TR Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L9907TR Datasheet HTML 22Page - STMicroelectronics L9907TR Datasheet HTML 23Page - STMicroelectronics L9907TR Datasheet HTML 24Page - STMicroelectronics L9907TR Datasheet HTML 25Page - STMicroelectronics L9907TR Datasheet HTML 26Page - STMicroelectronics L9907TR Datasheet HTML 27Page - STMicroelectronics L9907TR Datasheet HTML 28Page - STMicroelectronics L9907TR Datasheet HTML 29Page - STMicroelectronics L9907TR Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 49 page
background image
Electrical specifications
L9907
26/49
DS11800 Rev 5
Gain
Gain
Gx1,Gx0 = 11 (x = 1,2)
-2%
100
+2%
-
Gx1,Gx0 = 10 (x = 1,2)
-2%
50
+2%
-
Gx1,Gx0 = 01 (x = 1,2)
-2%
30
+2%
-
Gx1,Gx0 = 00 (x = 1,2)
(default)
-2%
10
+2%
-
Gain temperature drift (3)
--
-
100
ppm/
°C
Voh
IBx output voltage high
level
V(Isx+) -V(Isx-) > 500mV,
Iout = 100 µA, VCC = 3.3 V
Vcc -
0.12V
--
-
V(Isx+) -V(Isx-) > 500mV,
Iout = 100 µA, VCC = 5V
Vcc -
0.15V
--
-
Vol
IBx output voltage low level
V(Isx+) -V(Isx-) <
-500mV, Iout = 100 µA
--
100
mV
SRCSO
CSO slew rate
RL = 1 kOhm, CL = 20 pF
0.5
2
-
V/µs
tSETTLING
Output settling time
Gain = 10,30, 50 and 100,
from 10% to 90%
RL = 1 kOhm, CL = 20 pF
--
5.0
µs
1.
30 calibration steps (15 for positive and 15 for negative direction) are available through SPI command for offset calibration.
2. Worst case, if gain = 100 is selected.
3. Guaranteed by design.
4.
Where:
ISxHI is current flowing out from ISxHI pin
ISxLO is current flowing out from ISxLO pin
Vcc = reference supply [5 V or 3.3 V]
Gnom = nominal programmed gain [10, 30, 50, 100]
I(trim,HI/LO) = offset trimming current (w.c. ±8 µA see expression below)
Phase = programmed phase configuration [1 if selected, otherwise 0]
I(rail) = current from auxiliary rail (used for floating OpAmp) [typ ~145 µA±35% T+Models]
Where:
Vbg = band gap reference (1.2371 V nominal)
Ground = programmed ground configuration [1 if selected, otherwise 0]
Trimming bit weight= how many mV offset trimming are programmed.
The ± depends on offset trim direction (+: bit7=1, -: bit7=0)
5. A 350 kHz, 100 mVpp, ripple at the boost regulator output, generates 1 mVpp noise at the amplifier input. It represents a 2
App current noise on a 0.5 mΩ current sense resistor.
Table 20. Phase current sense amplifier (SPI select: Offx=1, where x=1,2) (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
ISxHI
0.8 VCC
2000 Gnom
-----------------------------------
Itrim HI

+


2
3 Phase

+

8
---------------------------------------------
10
A
+
–
=
ISxLO
0.8 VCC
2000 Gnom
-----------------------------------
Itrim LO

+

 2
8
---
10
AI rail

++
–
=
Itrim HI

Vbg
15
-----------
trimming bit
weight
2
-------------------
10300
5
3 Ground

+

----------------------------------------------------------------------
2
3 Phase

+

8
---------------------------------------------

=
Itrim LO

Vbg
15
-----------
trimming bit
weight
2
-------------------
10300
5
3 Ground

+

----------------------------------------------------------------------
2
8
---

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com