Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9908 Datasheet(PDF) 110 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 110 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 106Page - STMicroelectronics L9908 Datasheet HTML 107Page - STMicroelectronics L9908 Datasheet HTML 108Page - STMicroelectronics L9908 Datasheet HTML 109Page - STMicroelectronics L9908 Datasheet HTML 110Page - STMicroelectronics L9908 Datasheet HTML 111Page - STMicroelectronics L9908 Datasheet HTML 112Page - STMicroelectronics L9908 Datasheet HTML 113Page - STMicroelectronics L9908 Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 152 page
background image
5.20.3
Frame monitoring
Correct SPI communication is safety relevant and then the following safety mechanism is implemented.
Cyclic Redundancy Check (CRC)
MISO/MOSI SPI data are protected with a 5-bit CRC using the following polynomial expression:
Gx =x5+x2+1
(26)
The initial value to be used is 11111 (0x1F).
CRC is calculated over bit 5-31 except bit 21 (Hamming distance of 3 over 26 bit data), MSB First.
Example:
Read register 0x4A command (data = 0)
Frame: [0 0100:1010 0 0 0000:0000:0000:0000 10001] (0x25000011)
Frame: [0 0100:1010 0 1 0000:0000:0000:0000 10001] (0x25200011)
CRC is 10001 independently on FC value.
Write 0xABCD to register 0xC7 command
Frame: [1 1100:0111 0 0 1010:1011:1100:1101 11000] (0xE39579B8)
Frame: [1 1100:0111 0 1 1010:1011:1100:1101 11000] (0xE3B579B8)
CRC is 11000b independently on FC value.
Frame Counter Check (FC)
A 1-bit frame counter is transmitted by the SPI-master within every MOSI frame to support the detection of
failures in the communication channel (ex. corrupted or missing frames). The initial value to be used is 0.
Clock Counter Check
L9908 implements two separate clock counters for the rising and the falling edges of SCLK clock to check the
length of the MOSI frame to be equal to 32. The clock counters reset is generated from the detection of a rising
edge of NCS.
5.20.4
Error handling
In case of an error either regarding the SPI word length (clock counter), frame counter bit value (FC) or wrong
CRC check, the SPI_ERR bit is set to ‘1’ and the frame is ignored by L9908. The SPI error bit always refers to the
previous SPI frame.
The register SPI_CMM_FAULT contains specific bits indicating which SPI fault occurred on the previous frame.
After reading, register value will be reset. Refer to the next section for details.
5.20.5
Register description
Legenda:
Safety description:
NSR = Non-safety relevant Register
SLR = Safety latent Register
SSR = Safety relevant Register
Operation type:
RW = Read/Write
RO = Read only
CR = Clear on Read
Reset source:
A = INT_RST
B = INT_RST || CFG_RST
D = INT_RST (excluded CLK1_TIMEOUT)
Table 105. CHIPID
Register name
Address
Field name
Type
Bit offset
Bit width
Reset value
Reset
CHIPID
0x0
UNUSED_9
RO
15
1
0x0
B
NSR
UNUSED_8
RO
14
1
0x0
B
L9908
Functional description
DS13546 - Rev 5
page 110/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com