Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9908 Datasheet(PDF) 113 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 113 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 109Page - STMicroelectronics L9908 Datasheet HTML 110Page - STMicroelectronics L9908 Datasheet HTML 111Page - STMicroelectronics L9908 Datasheet HTML 112Page - STMicroelectronics L9908 Datasheet HTML 113Page - STMicroelectronics L9908 Datasheet HTML 114Page - STMicroelectronics L9908 Datasheet HTML 115Page - STMicroelectronics L9908 Datasheet HTML 116Page - STMicroelectronics L9908 Datasheet HTML 117Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 152 page
background image
Register
name
Address
Field name
Type
Bit
offset
Bit
width
Reset
value
Reset
SLR
0: Shoot-through protection on FET Vgs enabled
(Default)
1: Shoot-through protection on FET Vgs disabled
STP1_VGS_DIS
0: Shoot-through protection on FET Vgs enabled
(Default)
1: Shoot-through protection on FET Vgs disabled
RW
11
1
0x0
B
STP3_PWM_DIS
0: Shoot-through protection on PWM input enabled
(Default)
1: Shoot-through protection on PWM input disabled
RW
10
1
0x0
B
STP2_PWM_DIS
0: Shoot-through protection on PWM input enabled
(Default)
1: Shoot-through protection on PWM input disabled
RW
9
1
0x0
B
STP1_PWM_DIS
0: Shoot-through protection on PWM input enabled
(Default)
1: Shoot-through protection on PWM input disabled
RW
8
1
0x0
B
UNUSED_0
RW
6
2
0x0
B
BT1_DIS
0: Bootstrap limiter 1 enabled (Default)
1: Bootstrap limiter 1 disabled
RW
5
1
0x0
B
OND_FLT
00: T_ond_flt = 1 μs
01: T_ond_flt = 2.5 μs
10: T_ond_flt = 4 μs (Default)
11: T_ond_flt = 8 μs
RW
3
2
0x2
B
OND_BLANK
000: T_ond_blank = 0.7 μs
001: T_ond_blank = 1 μs
010: T_ond_blank = 1.5 μs (Default)
011: T_ond_blank = 2 μs
100: T_ond_blank = 2.5 μs
101: T_ond_blank = 3.5 μs
110: T_ond_blank = 5 μs
111: T_ond_blank = 8 μs
RW
0
3
0x2
B
Table 109. GEN_CFG4
Register name Address
Field name
Type Bit offset Bit width
Reset
value
Reset
GEN_CFG4
0x5
PVF_OUT_CFG
00: PVF1 xor PVF2 xor PVF3 is output (Default)
01: PVF1 is output
10: PVF2 is output
RW
14
2
0x0
B
L9908
Functional description
DS13546 - Rev 5
page 113/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com