Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9908 Datasheet(PDF) 114 Page - STMicroelectronics

Part # L9908
Description  Automotive 3-Phase motor gate driver unit
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9908 Datasheet(HTML) 114 Page - STMicroelectronics

Back Button L9908 Datasheet HTML 110Page - STMicroelectronics L9908 Datasheet HTML 111Page - STMicroelectronics L9908 Datasheet HTML 112Page - STMicroelectronics L9908 Datasheet HTML 113Page - STMicroelectronics L9908 Datasheet HTML 114Page - STMicroelectronics L9908 Datasheet HTML 115Page - STMicroelectronics L9908 Datasheet HTML 116Page - STMicroelectronics L9908 Datasheet HTML 117Page - STMicroelectronics L9908 Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 152 page
background image
Register name Address
Field name
Type Bit offset Bit width
Reset
value
Reset
11: PVF3 is output
SLR
PVF_TH_CFG
0: VPVF_TH_H = VDH*0.75 (Default)
VPVF_TH_L = VDH*0.25
1: VPVF_TH_H = VDH*0.6
VPVF_TH_L = VDH*0.4
RW
13
1
0x0
B
UNUSED_0
RW
12
1
0x0
B
DRV_HIZ
0: Pre-drivers in NO high-Z
1: Pre-drivers in high-Z (Default)
RW
11
1
0x1
B
SELF_TEST_CFG4
0: OND LS self-test not active
1: OND LS self-test active (Default)
SELF_TEST_CFG3
0: OND HS self-test not active
1: OND HS self-test active (Default)
SELF_TEST_CFG2
0: Supply monitors self-test not active
1: Supply monitors self-test active (Default)
SELF_TEST_CFG1
0: SW off path self-test not active
1: SW off path self-test active (Default)
SELF_TEST_CFG0
0: Clock monitor self-test not active
1: Clock monitor self-test active (Default)
RW
6
5
0x1F
B
HB3_ACK
RW
5
1
0x1
B
HB2_ACK
RW
4
1
0x1
B
HB1_ACK
RW
3
1
0x1
B
HB3_DIS
0: 3rd HS/LS drivers are enabled (Default)
1: 3rd HS/LS drivers are disabled
RW
2
1
0x0
B
HB2_DIS
0: 2nd HS/LS drivers are enabled (Default)
1: 2nd HS/LS drivers are disabled
RW
1
1
0x0
B
HB1_DIS
0: 1st HS/LS drivers are enabled (Default)
1: 1st HS/LS drivers are disabled
RW
0
1
0x0
B
Table 110. GEN_STATUS1
Register name
Address
Field name
Type
Bit offset
Bit width
Reset value
Reset
GEN_STATUS1
0x6
AGND_LOSS
CR
15
1
0x0
A
NSR
DGND_LOSS
CR
14
1
0x0
A
PGND_LOSS
CR
13
1
0x0
A
L9908
Functional description
DS13546 - Rev 5
page 114/152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com