Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9935 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9935
Description  Two-phase stepper motor driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9935 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9935 Datasheet HTML 11Page - STMicroelectronics L9935 Datasheet HTML 12Page - STMicroelectronics L9935 Datasheet HTML 13Page - STMicroelectronics L9935 Datasheet HTML 14Page - STMicroelectronics L9935 Datasheet HTML 15Page - STMicroelectronics L9935 Datasheet HTML 16Page - STMicroelectronics L9935 Datasheet HTML 17Page - STMicroelectronics L9935 Datasheet HTML 18Page - STMicroelectronics L9935 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
L9935
Functional description
Doc ID 5198 Rev 10
15/29
Figure 7.
Pulse diagram to explain offset chopping
Using offset chopping the changes of the supply current remain half as large as using non
offset chopping.
Turning off the oscillator for example by shorting pin OSC to ground will hinder turning on of
the bridges anymore after the comparators have generated a turn off signal.
External clocking is possible overdrives the charge and discharge currents of the oscillator
for example with a push pull logic gate. So several devices can be synchronized.
5.3
Protection and diagnosis functions
The L9935 provides several protection functions and error detection functions. Current
limitation usually is customer defined by the external current sense resistors. The current
sensed there is used to regulate the current through the stepper motor windings by pulse
width modulation. This PWM regulation protects the sink transistors. The source transistors
are protected by an internal overcurrent shut down turning off the source transistors in case
of overload.
Overload detection of the source transistor will turn off the bridge and set the corresponding
error flag.
To turn on the bridge again a new byte must be written into the interface. (Rising slope of
CSN resets the overload error flag).
Both bridges use the same flags. To locate which bridge is affected by an error the bridges
can be tested individually (One bridge just is turned off to check for the error in the other
bridge).
5.4
Short from an output to the supply voltage VS
The current will be limited by the pulse width modulator. The sink transistor will turn off again
after some microseconds. The transistor will periodically be turned on again by the oscillator
8 times. After having detected short 8 times the low side transistor will remain off until the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com