Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9935 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L9935
Description  Two-phase stepper motor driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9935 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L9935 Datasheet HTML 16Page - STMicroelectronics L9935 Datasheet HTML 17Page - STMicroelectronics L9935 Datasheet HTML 18Page - STMicroelectronics L9935 Datasheet HTML 19Page - STMicroelectronics L9935 Datasheet HTML 20Page - STMicroelectronics L9935 Datasheet HTML 21Page - STMicroelectronics L9935 Datasheet HTML 22Page - STMicroelectronics L9935 Datasheet HTML 23Page - STMicroelectronics L9935 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
Functional description
L9935
20/29
Doc ID 5198 Rev 10
5.13.1
Startup of the serial data interface
Falling slope of EN activates the device. After ten.sck the device is ready to work.
Falling slope of CSN indicates start of frame. Data transfer (reading SDI into the register)
takes place at the rising slopes of SCK.
Data transfer of the register to SDO takes place at the falling slope of SCK.
Rising slope of CSN indicates end of frame. At the end of frame data will only be accepted if
modulo 8 bit (modulo 8 falling slopes to SCK) have been transferred. If this is not the case
the input will be ignored and the bridges will maintain the same status as before.
SDO is a tristate output.
SDO is active while CSN = LOW, while CSN = HIGH SDO is high resistive.
Figure 9.
SPI data/clock timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com